Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM119 Datasheet(PDF) 3 Page - STMicroelectronics

Part # LM119
Description  HIGH SPEED DUAL COMPARATORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM119 Datasheet(HTML) 3 Page - STMicroelectronics

  LM119 Datasheet HTML 1Page - STMicroelectronics LM119 Datasheet HTML 2Page - STMicroelectronics LM119 Datasheet HTML 3Page - STMicroelectronics LM119 Datasheet HTML 4Page - STMicroelectronics LM119 Datasheet HTML 5Page - STMicroelectronics LM119 Datasheet HTML 6Page - STMicroelectronics LM119 Datasheet HTML 7Page - STMicroelectronics LM119 Datasheet HTML 8Page - STMicroelectronics LM119 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LM119-LM219-LM319
3/9
ELECTRICAL CHARACTERISTICS
VCC = ±15V, Tamb = +25°C (unless otherwise specified)
Symbol
Parameter
LM119 - LM219
LM319
Unit
Min.
Typ.
Max.
Min
Typ.
Max.
Vio
Input Offset Voltage (Rs ≤ 5kΩ) - see note
1) & 2)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
1.
These specifications apply for VCC = ±15V, unless otherwise stated.The offset voltage, offset current and bias current specifications apply for any
supply voltage from a single +5V up to ±15V supplies. The offset voltages and offset current given are the maximum values required to drive the
output down to 1V or up to +14V with a 1mA load current.
Thus, these parameters define an error band and take into account the worst case effects of voltage gain and input impedance.
2.
At output switch point, Vo
≈ 1.4V, no load, with Vcc from 5V to ±15V and over the full input common-mode range.
0.7
4
7
28
10
mV
Iio
Input Offset Current - see note 1
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
30
75
100
80
200
300
nA
Iib
Input Bias Current - see note 1
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
150
500
1000
250
1000
1200
nA
Avd
Large Signal Voltage Gain
10
40
8
40
V/mV
ICC
+
Positive Supply Current
VCC = ±15V
VCC
+ = +5V, V
CC
- = 0V
8
4.3
11.5
8
4.3
12.5
mA
ICC
-
Negative Supply Current
3
4.5
3
5
mA
Vicm
Input Common Mode Voltage Range
VCC = ±15V
VCC
+ = +5V, V
CC
- = 0V
±12
1
±13
3
±12
1
±13
3
V
VOL
Low Level Output Voltage
Tamb = +25°C, IO = 25mA
Vi ≤ -5mV
Vi ≤ -10mV
Tmin ≤ Tamb ≤ Tmax
VCC
+
≥ +4.5V, V
CC
- = 0V, I
o(sink) < 3.2mA
Vi ≤ -6mV
Vi ≤ -10mV
0.75
0.23
1.5
0.4
0.75
0.3
1.5
0.4
V
IOH
High Level Output Current (VO = +35V)
Tamb = +25°C
Vi ≤ 5mV
Vi ≤ 10mV
Tmin ≤ Tamb ≤ Tmax
Vi ≤ 5mV
0.2
1
2
10
0.2
10
µA
tre
Response Time - see note 3)
3.
The response time specified is for a 100mV input step with 5mV overdrive.
80
80
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com