Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM201AN Datasheet(PDF) 1 Page - STMicroelectronics

Part # LM201AN
Description  SINGLE OPERATIONAL AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM201AN Datasheet(HTML) 1 Page - STMicroelectronics

  LM201AN Datasheet HTML 1Page - STMicroelectronics LM201AN Datasheet HTML 2Page - STMicroelectronics LM201AN Datasheet HTML 3Page - STMicroelectronics LM201AN Datasheet HTML 4Page - STMicroelectronics LM201AN Datasheet HTML 5Page - STMicroelectronics LM201AN Datasheet HTML 6Page - STMicroelectronics LM201AN Datasheet HTML 7Page - STMicroelectronics LM201AN Datasheet HTML 8Page - STMicroelectronics LM201AN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
LM101A
LM301A
LM201A
s INPUT OFFSET VOLTAGE 0.7mV
2mV
s INPUT BIAS CURRENT
25nA
70nA
s INPUT OFFSET CURRENT 1.5nA
2nA
s SLEW RATE AS INVERSING10V/µs 10V/µs
AMPLIFIER
DESCRIPTION
The LM101A is a general purpose operational am-
plifier which offers many features: supply voltages
from ±5V to ±22V, low current drain, overload pro-
tection on the input and output, no latch-up when
the common-mode range is exceeded, free from
oscillations and compensation with a single 30pF
capacitor. It has advantages over internally com-
pensated amplifiers in that the compensation can
be tailored to the particular application: slew rate
of 10V/µs and bandwidth of 3.5MHz can be easily
achieved.
ORDER CODE
N = Dual in Line Package (DIP)
D = Small Outline Package (SO) - also available in Tape & Reel (DT)
PIN CONNECTIONS (top view)
Part Number Temperature Range
Package
ND
LM101A
-55°C, +125°C
••
LM201A
-40°C, +105°C
••
LM301A
0°C, +70°C
••
Example : LM201AN
N
DIP8
(Plastic Package)
D
SO8
(Plastic Micropackage)
1
2
3
4
8
6
5
7
1 - Balance, compensation
2 - Inverting input
3 - Non-inverting input
4 - VCC
-
5 - Balance
6 - Output
7 - VCC
+
8 - Compensation 2
LM101A-LM201A
LM301A
SINGLE OPERATIONAL AMPLIFIERS
December 2001


Similar Part No. - LM201AN

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM201AN MOTOROLA-LM201AN Datasheet
130Kb / 6P
Operational Amplifiers
logo
National Semiconductor ...
LM201AN NSC-LM201AN Datasheet
509Kb / 17P
Operational Amplifiers
logo
STMicroelectronics
LM201AN STMICROELECTRONICS-LM201AN Datasheet
165Kb / 11P
SINGLE OPERATIONAL AMPLIFIER
Oct-1995
logo
ON Semiconductor
LM201AN ONSEMI-LM201AN Datasheet
94Kb / 8P
Non Compensated Single Operational Amplifiers
July, 2005 ??Rev. 10
logo
National Semiconductor ...
LM201AN NSC-LM201AN Datasheet
608Kb / 20P
Operational Amplifiers
More results

Similar Description - LM201AN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM101A-LM201A STMICROELECTRONICS-LM101A-LM201A Datasheet
165Kb / 11P
SINGLE OPERATIONAL AMPLIFIER
Oct-1995
logo
Toshiba Semiconductor
TA75061P TOSHIBA-TA75061P Datasheet
255Kb / 7P
SINGLE OPERATIONAL AMPLIFIER
TA7540P TOSHIBA-TA7540P Datasheet
232Kb / 7P
SINGLE OPERATIONAL AMPLIFIER
TA75S01F TOSHIBA-TA75S01F Datasheet
208Kb / 5P
SINGLE OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
UTCM2100 UTC-UTCM2100 Datasheet
429Kb / 4P
SINGLE OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KA741 FAIRCHILD-KA741 Datasheet
116Kb / 12P
Single Operational Amplifier
logo
National Semiconductor ...
MRLM101AX-R-H NSC-MRLM101AX-R-H Datasheet
226Kb / 15P
SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TA75S01F TOSHIBA-TA75S01F_07 Datasheet
251Kb / 6P
Single Operational Amplifier
01-Nov-2007
TC75S54F TOSHIBA-TC75S54F_07 Datasheet
231Kb / 11P
Single Operational Amplifier
logo
Fairchild Semiconductor
LM741E FAIRCHILD-LM741E Datasheet
921Kb / 7P
SINGLE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com