Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POWR6AT6 Datasheet(PDF) 13 Page - Lattice Semiconductor

Part # POWR6AT6
Description  In-System Programmable Power Supply Monitoring and Margining Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

POWR6AT6 Datasheet(HTML) 13 Page - Lattice Semiconductor

Back Button POWR6AT6 Datasheet HTML 9Page - Lattice Semiconductor POWR6AT6 Datasheet HTML 10Page - Lattice Semiconductor POWR6AT6 Datasheet HTML 11Page - Lattice Semiconductor POWR6AT6 Datasheet HTML 12Page - Lattice Semiconductor POWR6AT6 Datasheet HTML 13Page - Lattice Semiconductor POWR6AT6 Datasheet HTML 14Page - Lattice Semiconductor POWR6AT6 Datasheet HTML 15Page - Lattice Semiconductor POWR6AT6 Datasheet HTML 16Page - Lattice Semiconductor POWR6AT6 Datasheet HTML 17Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
Lattice Semiconductor
ispPAC-POWR6AT6 Data Sheet
13
Figure 8 shows the resistor network between the TrimCell #N in the ispPAC-POWR6AT6 and the DC-DC converter.
The values of these resistors depend on the type of DC-DC converter used and its operating voltage range. The
method to calculate the values of the resistors R1, R2, and R3 are described in a separate application note.
Voltage Profile Control
The Margin / Trim Block of ispPAC-POWR6AT6 consists of six TrimCells. Because all six TrimCells in the Margin /
Trim Block are controlled by a common voltage profile control signals, they all operate at the same voltage profile.
The voltage profile control input comes from a pair of device pins: VPS0, VPS1.
TrimCell Architecture
The TrimCell block diagram is shown in Figure 9. The 8-bit DAC at the output provides the trimming voltage
required to set the output voltage of a programmable supply. Each TrimCell can be operated in any one of the four
voltage profiles. In each voltage profile the output trimming voltage can be set to a preset value. There are six 8-bit
registers in each TrimCell that, depending on the operational mode, set the DAC value. Of these, four DAC values
(DAC Register 0 to DAC Register 3) are stored in the E
2CMOS memory while the remaining register contents are
stored in volatile registers. Two multiplexers (Mode Mux and Profile Mux) control the routing of the code to the DAC.
The Profile Mux can be controlled by common TrimCell voltage profile control signals.
Figure 9. ispPAC-POWR6AT6 Output TrimCell
Figure 7 shows four power supply voltages next to each DC-DC converter. When the Profile MUX is set to Voltage
Profile 3, the DC supply controlled by Trim 1 will be at 0.95V, the DC supply controlled by Trim 2 will be at 1.14V,
1.42V for Trim 3 and 3.13V for Trim 8. When Voltage Profile 0 is selected, Trim 1 will set the supply to 1V, Trim 2 and
Trim 3 will be set by the values that have been loaded using I
2C at 1.2 and 1.5V, and Trim 6 will be set to 3.3V.
The following table summarizes the voltage profile selection and the corresponding DAC output trimming voltage.
The voltage profile selection is common to all six TrimCells.
DAC REGISTER 0
(E2CMOS)
CLOSED LOOP
TRIM REGISTER
DAC REGISTER 3
(E2CMOS)
VOLTAGE PROFILE 0
MODE SELECT
(E2CMOS)
DAC
00
01
10
11
TRIMx
2
8
8
8
8
8
8
8
DAC REGISTER
(I
2C)
8
VOLTAGE
PROFILE 3
VOLTAGE
PROFILE 2
VOLTAGE
PROFILE 1
VOLTAGE
PROFILE 0
DAC REGISTER 2
(E2CMOS)
DAC REGISTER 1
(E2CMOS)
FROM CLOSED LOOP
TRIM CIRCUIT
TRIMCELL ARCHITECTURE
COMMON TrimCell
VOLTAGE PROFILE
CONTROL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com