Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APU3006L Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # APU3006L
Description  Ultrafast Recover Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

APU3006L Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  APU3006L Datasheet HTML 1Page - Inchange Semiconductor Company Limited APU3006L Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ultrafast Recover Rectifier
APU3006L
www.iscsemi.com
1
FEATURES
· Low forward voltage drop
· Low Leakage Current
· Ultrafast recovery time
APPLICATIONS
· Printer AC adaptors
· Desktop PC
· AC/DCSMPS
· TV andmonitor,
· DVD AC/DC power supplies
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Peak Reverse voltage
600
V
IF(AV)
Average Rectified Forward Current
TC =127°C
30
A
IFSM
Non-repetitive Peak Surge Current
TC = 25 °C
220
A
TJ
Junction Temperature
-65~175
℃
Tstg
Storage Temperature Range
-65~175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.1
℃
/W


Similar Part No. - APU3006L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
APU3006-F3 VISHAY-APU3006-F3 Datasheet
231Kb / 10P
Ultrafast Rectifier, 30 A FRED Pt
24-May-11
APU3006-F3 VISHAY-APU3006-F3 Datasheet
228Kb / 10P
Ultrafast Rectifier, 30 A FRED Pt®
15-Aug-11
APU3006-F3 VISHAY-APU3006-F3_12 Datasheet
228Kb / 10P
Ultrafast Rectifier, 30 A FRED Pt®
15-Aug-11
APU3006-N3 VISHAY-APU3006-N3 Datasheet
228Kb / 10P
Ultrafast Rectifier, 30 A FRED Pt®
15-Aug-11
logo
Inchange Semiconductor ...
APU3006HN3 ISC-APU3006HN3 Datasheet
314Kb / 2P
Ultrafast Rectifier Diode
More results

Similar Description - APU3006L

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
BY296 MIC-BY296 Datasheet
50Kb / 2P
FAST RECOVER RECTIFIER
FR151 MIC-FR151 Datasheet
50Kb / 2P
FAST RECOVER RECTIFIER
FR251 MIC-FR251 Datasheet
49Kb / 2P
FAST RECOVER RECTIFIER
FR601S MIC-FR601S Datasheet
50Kb / 2P
FAST RECOVER RECTIFIER
logo
Shenzhen Ping Sheng Ele...
FM4001 PFS-FM4001 Datasheet
184Kb / 2P
FAST RECOVER RECTIFIER
BY296 PFS-BY296 Datasheet
164Kb / 2P
FAST RECOVER RECTIFIER
FR151 PFS-FR151 Datasheet
164Kb / 2P
FAST RECOVER RECTIFIER
FR301 PFS-FR301 Datasheet
163Kb / 2P
FAST RECOVER RECTIFIER
1N4942 PFS-1N4942 Datasheet
169Kb / 2P
FAST RECOVER RECTIFIER
logo
Rectron Semiconductor
MUR880K RECTRON-MUR880K Datasheet
125Kb / 5P
ULTRAFAST RECOVER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com