Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM324N Datasheet(PDF) 1 Page - STMicroelectronics

Part # LM324N
Description  Low power quad operational amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM324N Datasheet(HTML) 1 Page - STMicroelectronics

  LM324N Datasheet HTML 1Page - STMicroelectronics LM324N Datasheet HTML 2Page - STMicroelectronics LM324N Datasheet HTML 3Page - STMicroelectronics LM324N Datasheet HTML 4Page - STMicroelectronics LM324N Datasheet HTML 5Page - STMicroelectronics LM324N Datasheet HTML 6Page - STMicroelectronics LM324N Datasheet HTML 7Page - STMicroelectronics LM324N Datasheet HTML 8Page - STMicroelectronics LM324N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
October 2006
Rev 5
1/19
19
LM124-LM224-LM324
Low power quad operational amplifiers
Features
■ Wide gain bandwidth: 1.3 MHz
■ Input common-mode voltage range includes
ground
■ Large voltage gain: 100 dB
■ Very low supply current per amplifier: 375 µA
■ Low input bias current: 20 nA
■ Low input offset voltage: 5 mV max. (For more
accurate applications, use the equivalent parts
LM124A-LM224A-LM324A which feature 3 mV
max.)
■ Low input offset current: 2 nA
■ Wide power supply range:
– Single supply: +3 V to +30 V
– Dual supplies: ±1.5 V to ±15 V
Description
These circuits consist of four independent, high
gain, internally frequency compensated
operational amplifiers. They operate from a single
power supply over a wide range of voltages.
Operation from split power supplies is also
possible and the low power supply current drain is
independent of the magnitude of the power supply
voltage.
Order codes
N
DIP14
(Plastic package)
D
SO-14
(Plastic micropackage)
P
TSSOP-14
(Thin shrink small outline package)
Part number
Temperature range
Package
Packing
LM124N
-55°C, +125°C
DIP
Tube
LM124D/DT
SO
Tube or tape & reel
LM224N
-40°C, +105°C
DIP
Tube
LM224D/DT
SO
Tube or tape & reel
LM224PT
TSSOP
(Thin shrink outline package)
Tape & reel
LM324N
0°C, +70°C
DIP
Tube
LM324D/DT
SO
Tube or tape & reel
LM324PT
TSSOP
(Thin shrink outline package)
Tape & reel
www.st.com


Similar Part No. - LM324N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM324N PHILIPS-LM324N Datasheet
136Kb / 7P
Low power quad op amps
1995 Nov 27
logo
STMicroelectronics
LM324N STMICROELECTRONICS-LM324N Datasheet
142Kb / 14P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
Jun-1999
logo
Fairchild Semiconductor
LM324N FAIRCHILD-LM324N Datasheet
139Kb / 12P
Quad Operational Amplifier
2002 Rev. 1.0.4
logo
Intersil Corporation
LM324N INTERSIL-LM324N Datasheet
200Kb / 7P
Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
May 2001
logo
ON Semiconductor
LM324N ONSEMI-LM324N Datasheet
129Kb / 12P
Single Supply Quad Operational Amplifiers
May, 2002 ??Rev. 8
More results

Similar Description - LM324N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
Jun-1999
LM124A STMICROELECTRONICS-LM124A Datasheet
1,021Kb / 13P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
Mar-2001
LM2902 STMICROELECTRONICS-LM2902 Datasheet
135Kb / 14P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
Aug-1998
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324 Datasheet
52Kb / 2P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM124 STMICROELECTRONICS-LM124_05 Datasheet
915Kb / 16P
Low Power Quad Operational Amplifiers
Rev 3 June 2005
logo
National Semiconductor ...
LM2902EP NSC-LM2902EP Datasheet
844Kb / 18P
Low Power Quad Operational Amplifiers
logo
Taiwan Semiconductor Co...
TS324 TSC-TS324_07 Datasheet
531Kb / 8P
Low Power Quad Operational Amplifiers
logo
Texas Instruments
LM124JAN TI1-LM124JAN_13 Datasheet
781Kb / 26P
Low Power Quad Operational Amplifiers
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902_V01 Datasheet
792Kb / 20P
Low-power quad operational amplifiers
31-Aug-2022
logo
New Japan Radio
NJM324C NJRC-NJM324C Datasheet
459Kb / 10P
Low power quad operational amplifiers
ver.09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com