Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8361 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA8361
Description  Integrated PAL and PAL/NTSC TV processors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8361 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA8361 Datasheet HTML 17Page - NXP Semiconductors TDA8361 Datasheet HTML 18Page - NXP Semiconductors TDA8361 Datasheet HTML 19Page - NXP Semiconductors TDA8361 Datasheet HTML 20Page - NXP Semiconductors TDA8361 Datasheet HTML 21Page - NXP Semiconductors TDA8361 Datasheet HTML 22Page - NXP Semiconductors TDA8361 Datasheet HTML 23Page - NXP Semiconductors TDA8361 Datasheet HTML 24Page - NXP Semiconductors TDA8361 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
March 1994
21
Philips Semiconductors
Objective specification
Integrated PAL and PAL/NTSC TV
processors
TDA8360; TDA8361; TDA8362
DEMODULATORS
V30(p-p)
H/2 ripple at (R
−Y) output
(peak-to-peak value)
only burst fed to
input
−−
25
mV
∆V
O/∆T
change of output signal amplitude
with temperature
note 7
−
0.1
−
%/K
∆V
O/∆VP
change of output signal amplitude
with supply voltage
note 7
−−±0.1
dB
ϕe
phase error in the demodulated
signals
−−
5
deg
COLOUR DIFFERENCE MATRIXES IN CONTROL CIRCUIT
G
−Y/−(R−Y)
PAL/SECAM mode with
TDA8362/TDA8395
−(R−Y) and −(B−Y)
not affected
−−0.51
±10%
−
G
−Y/−(B−Y)
−−0.19
±25%
−
−(B−Y)
NTSC mode; the CD matrix results in
the following signal (1.14/
−10°)
nominal hue setting
−1.12UR − 1.12VR
−(R−Y)
NTSC mode; the CD matrix results in
the following signal (1.14/100
°)
nominal hue setting
−0.20UR + 1.12VR
G
−Y
NTSC mode; the CD matrix results in
the following signal (0.30/235
°)
nominal hue setting
−0.25VR − 0.17UR
REFERENCE SIGNAL OUTPUT FOR TDA8395 (TDA8362; PIN 32)
fref
reference frequency
note 41
−
4.43
−
MHz
V32(p-p)
output signal amplitude
(peak-to-peak value)
0.2
0.25
0.3
V
VO
output voltage level
PAL/NTSC identified
−
1.5
−
V
VO
output voltage level
no PAL/NTSC;
SECAM (by
TDA8395) identified
−
5
−
V
I32
required current to force
TDA8362/TDA8395 combination in
SECAM mode
150
−−µA
Control part
SATURATION CONTROL; NOTE 25 (PIN 26)
SATcr
saturation control range
see also Fig.8
52
−−
dB
∆SAT/∆V
saturation level change
VP = ±10%;note 7
−
0
−
%
II
input current
no colour identified
−
1
−
mA
Vctr
control voltage to switch colour PLL
in the free-running mode
note 37
VP − 1
−−
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com