Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM224APT Datasheet(PDF) 6 Page - STMicroelectronics

Part # LM224APT
Description  Low power quad operational amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM224APT Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LM224APT Datasheet HTML 2Page - STMicroelectronics LM224APT Datasheet HTML 3Page - STMicroelectronics LM224APT Datasheet HTML 4Page - STMicroelectronics LM224APT Datasheet HTML 5Page - STMicroelectronics LM224APT Datasheet HTML 6Page - STMicroelectronics LM224APT Datasheet HTML 7Page - STMicroelectronics LM224APT Datasheet HTML 8Page - STMicroelectronics LM224APT Datasheet HTML 9Page - STMicroelectronics LM224APT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Electrical characteristics
LM224A-LM324A
6/20
VOH
High level output voltage VCC = +30 V, RL = 2 kΩ
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
26
26
27
V
VCC = +30 V, RL = 10 kΩ
Tamb = +25° C
Tmin ≤ Tamb ≤ Tmax
27
27
28
V
VCC = +5 V, RL = 2 kΩ
Tamb = +25° C
Tmin ≤ Tamb ≤ Tmax
3.5
3
V
VOL
Low level output voltage (RL = 10kΩ):
Tamb = +25°C
Tmin ≤Tamb ≤Tmax
520
20
mV
SR
Slew rate:
VCC = 15 V, Vi = 0.5 to 3 V, RL = 2 kΩ, CL = 100 pF,
unity gain
0.4
V/µs
GBP
Gain bandwidth product:
VCC = 30 V, f =100 kHz, Vin = 10 mV, RL = 2 kΩ,
CL = 100pF
1.3
MHz
THD
Total harmonic distortion:
f = 1kHz, Av = 20dB, RL = 2kΩ, Vo = 2Vpp, CL =
100pF, VCC = 30V
0.015
%
en
Equivalent input noise voltage:
f = 1 kHz, Rs = 100 Ω, VCC = 30 V
40
DVio
Input offset voltage drift
7
30
μV/°C
DIio
Input offset current drift
10
200
pA/°C
Vo1/Vo2 Channel separation(4) - 1kHz
≤ f ≤ 20 kHZ
120
dB
1.
Vo = 1.4 V, Rs = 0 Ω, 5 V < VCC
+ < 30 V, 0 < V
ic < VCC
+ - 1.5 V
2.
The direction of the input current is out of the IC. This current is essentially constant, independent of the
state of the output so there is no load change on the input lines.
3.
The input common-mode voltage of either input signal voltage should not be allowed to go negative by
more than 0.3 V. The upper end of the common-mode voltage range is VCC
+ - 1.5 V, but either or both
inputs can go to +32 V without damage.
4.
Due to the proximity of external components, ensure that there is no coupling originating from stray
capacitance between these external parts. Typically, this can be detected at higher frequencies because
this type of capacitance increases.
Table 2.
VCC
+ = +5V, V
CC
-= Ground, V
o = 1.4V, Tamb = +25°C (unless otherwise
specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com