Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM246 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LM246
Description  PROGRAMMABLE QUAD BIPOLAR OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM246 Datasheet(HTML) 1 Page - STMicroelectronics

  LM246 Datasheet HTML 1Page - STMicroelectronics LM246 Datasheet HTML 2Page - STMicroelectronics LM246 Datasheet HTML 3Page - STMicroelectronics LM246 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/4
s PROGRAMMABLE ELECTRICAL CHARAC-
TERISTICS
s LOW SUPPLY CURRENT (250
µA/amplifier)
s GAIN-BANDWITH PRODUCT : 1MHz
s LARGE DC VOLTAGE GAIN : 120dB
s LOW NOISE VOLTAGE : 28nV/
√Hz
s WIDE POWER SUPPLY RANGE / ±1.5V to
±22V
s CLASSE AB OUTPUT STAGE. NO
CROSS-OVER DISTORTION
s OVERLOAD PROTECTION FOR INPUTS
AND OUTPUTS
DESCRIPTION
The LM346 consists of four independent, high
gain, internally compensated, low power program-
mable amplifiers. Two external resistors (Rset) al-
low the user to program the gain-bandwith prod-
uct, slew rate, supply current, input bias current,
input offset current and input noise. For example
the user can trade-off supply current for bandwith
or optimize noise figure for a given source resis-
tance. In a similar way other amplifier characteris-
tics can be tailored to the application.
Except for the two programming pins at the end of
the package the LM346 pin out is the same as the
LM324 and LM348.
PROGRAMMING EQUATIONS :
Total supply current = 1mA (Iset = 10µA)
Gain bandwith product = 1MHz (Iset = 10µA)
Slew rate = 0.5V/
µs (I
set = 10µΑ)
Input bias current
≈30nA (I
set = 10µΑ)
Iset = current into pin 8 and pin 9 (see schematic
diagram)
ORDER CODE
N = Dual in Line Package (DIP))
PIN CONNECTIONS (top view)
Part
Number
Temperature
Range
Package
N
LM146
-55°C, +125°C
•
LM246
-40°C, +105°C
•
LM346
0°C, +70°C
•
Example : LM246N
I
se t
Vcc+
Vcc
-
–
0.6 V
–
R
set
-----------------------------------------------------
=
N
DIP16
(Plastic Package)
CC
V
+
1
2
3
4
5
6
7
9
10
11
12
13
14
N o n-in v e rtin g Inp u t 2
-
+
-
+
Ou tp u t 1
N o n-in v e rtin g in put 1
In v e rtin g Inpu t 1
-
CC
V
In v e rtin g Inp ut 2
Ou tp u t 2
8
15
16
Ou tp u t 4
In v e rtin g Inp ut 4
N on-in v e rtin g inp ut 4
N o n -in v e rtin g in p u t 3
In v e rtin g in put 3
Ou tp u t 3
Set
Set
LM146
LM246
LM346
PROGRAMMABLE
QUAD BIPOLAR OPERATIONAL AMPLIFIER
April 2003


Similar Part No. - LM246

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM246 STMICROELECTRONICS-LM246 Datasheet
143Kb / 9P
PROGRAMMABLE QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Nov-1997
logo
National Semiconductor ...
LM2460 NSC-LM2460 Datasheet
951Kb / 11P
Monolithic Triple Channel High Swing CRT Driver
logo
Texas Instruments
LM2460 TI1-LM2460 Datasheet
2Mb / 13P
Monolithic Triple Channel High Swing CRT Driver
logo
National Semiconductor ...
LM2460TA NSC-LM2460TA Datasheet
951Kb / 11P
Monolithic Triple Channel High Swing CRT Driver
LM2462 NSC-LM2462 Datasheet
1Mb / 11P
Monolithic Triple 3 ns CRT Driver
More results

Similar Description - LM246

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM146 NSC-LM146 Datasheet
727Kb / 17P
Programmable Quad Operational Amplifiers
logo
STMicroelectronics
LM146 STMICROELECTRONICS-LM146 Datasheet
143Kb / 9P
PROGRAMMABLE QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Nov-1997
LM148 STMICROELECTRONICS-LM148 Datasheet
139Kb / 9P
FOUR UA741 QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Nov-1997
MC3303 STMICROELECTRONICS-MC3303 Datasheet
322Kb / 11P
LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Aug-1998
MC33174-MC35174 STMICROELECTRONICS-MC33174-MC35174 Datasheet
50Kb / 5P
LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Dec-1997
MC33174 STMICROELECTRONICS-MC33174 Datasheet
83Kb / 5P
LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Apr-2002
TEB4033 STMICROELECTRONICS-TEB4033 Datasheet
209Kb / 5P
QUAD BIPOLAR OPERATIONAL AMPLIFIERS
LM148 STMICROELECTRONICS-LM148_02 Datasheet
97Kb / 5P
QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Mar-2002
MC3303 STMICROELECTRONICS-MC3303_01 Datasheet
316Kb / 10P
LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Nov-2001
logo
Texas Instruments
LM146 TI1-LM146_15 Datasheet
1Mb / 24P
Programmable Quad Operational Amplifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com