Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5USB212XUAEX Datasheet(PDF) 8 Page - Diodes Incorporated

Part # PI5USB212XUAEX
Description  USB 2.0 Signal Conditioner
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI5USB212XUAEX Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button PI5USB212XUAEX Datasheet HTML 3Page - Diodes Incorporated PI5USB212XUAEX Datasheet HTML 4Page - Diodes Incorporated PI5USB212XUAEX Datasheet HTML 5Page - Diodes Incorporated PI5USB212XUAEX Datasheet HTML 6Page - Diodes Incorporated PI5USB212XUAEX Datasheet HTML 7Page - Diodes Incorporated PI5USB212XUAEX Datasheet HTML 8Page - Diodes Incorporated PI5USB212XUAEX Datasheet HTML 9Page - Diodes Incorporated PI5USB212XUAEX Datasheet HTML 10Page - Diodes Incorporated PI5USB212XUAEX Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
A Product Line of
Diodes Incorporated
PI5USB212
April 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
PI5USB212
Document Number DS44950 Rev 5-2
www.diodes.com
Application Diagram
Pin Mode
GND
D2P
D2N
SEN/HS
SCL/CD
SDA
D1P
D1N
BOOST
RSTN
USB_DP
USB_DN
USB
Host or Hub
USB_DP
USB_DN
+3.3V
+3.3V
1μF
100nF
100nF
RDC2
RDC1
RBOOST
D2P must be shorted to D1P on PCB.
D2N must be shorted to D1N on PCB.
VCC
I2C Mode
GND
D2P
D2N
SEN/HS
SCL/CD
SDA
D1P
D1N
BOOST
RSTN
USB_DP
USB_DN
USB
Host or Hub
USB_DP
USB_DN
I2C Bus
VCC_I2C
+3.3V
+3.3V
1μF
100nF
100nF
RDC2
RDC1
RBOOST
D2P must be shorted to D1P on PCB.
D2N must be shorted to D1N on PCB.
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com