Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM358AD Datasheet(PDF) 18 Page - STMicroelectronics

Part # LM358AD
Description  Low power dual operational amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM358AD Datasheet(HTML) 18 Page - STMicroelectronics

Back Button LM358AD Datasheet HTML 12Page - STMicroelectronics LM358AD Datasheet HTML 13Page - STMicroelectronics LM358AD Datasheet HTML 14Page - STMicroelectronics LM358AD Datasheet HTML 15Page - STMicroelectronics LM358AD Datasheet HTML 16Page - STMicroelectronics LM358AD Datasheet HTML 17Page - STMicroelectronics LM358AD Datasheet HTML 18Page - STMicroelectronics LM358AD Datasheet HTML 19Page - STMicroelectronics LM358AD Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Ordering information
LM158-LM258-LM358
18/20
7
Ordering information
Part number
Temperature
range
Package
Packaging
Marking
LM158N
-55°C, +125°C
DIP-8
Tube
LM158N
LM158D
LM158DT
SO-8
Tube or tape & reel
158
LM158YD
LM158YDT(1)
SO-8
Automotive grade
158Y
LM258AN
-40°C, +105°C
DIP-8
Tube
LM258A
LM258AD
LM258ADT
SO-8
Tube or tape & reel
258A
LM258AYD
LM258AYDT(1)
SO-8
Automotive grade
258AY
LM258PT
TSSOP-8
(Thin shrink outline package)
Tape & reel
258
LM258APT
258A
LM258YPT(1)
TSSOP-8
Automotive grade
258Y
LM258AYPT
258AY
LM258AST
miniSO-8
Tape & reel
K408
LM258N
DIP-8
Tube
LM258N
LM258D
LM258DT
SO-8
Tube or tape & reel
258
LM258YD
LM258YDT(1)
SO-8
Automotive grade
258Y
LM358N
0°C, +70°C
DIP-8
Tube
LM358N
LM358AN
LM358AN
LM358D
LM358DT
SO-8
Tube or tape & reel
358
LM358YD
LM358YDT(1)
SO-8
Automotive grade
358Y
LM358AD
LM358ADT
SO-8
358A
LM358PT
TSSOP-8
(Thin shrink outline package)
Tape & reel
358
LM358APT
358A
LM358YPT(1)
TSSOP-8
Automotive grade
358Y
LM358AYPT(1)
358AY
LM358ST
miniSO-8
Tape & reel
K405
LM358AST
K404
1.
Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC Q001
& Q 002 or equivalent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com