Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM324W Datasheet(PDF) 1 Page - STMicroelectronics

Part # LM324W
Description  Low Power Quad Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM324W Datasheet(HTML) 1 Page - STMicroelectronics

  LM324W Datasheet HTML 1Page - STMicroelectronics LM324W Datasheet HTML 2Page - STMicroelectronics LM324W Datasheet HTML 3Page - STMicroelectronics LM324W Datasheet HTML 4Page - STMicroelectronics LM324W Datasheet HTML 5Page - STMicroelectronics LM324W Datasheet HTML 6Page - STMicroelectronics LM324W Datasheet HTML 7Page - STMicroelectronics LM324W Datasheet HTML 8Page - STMicroelectronics LM324W Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Rev 2
June 2005
1/16
16
LM124W-LM224W-LM324W
Low Power Quad Operational Amplifiers
■ Wide gain bandwidth: 1.3MHz
■ Input common-mode voltage range includes
ground
■ Large voltage gain: 100dB
■ Very low supply current/ampli: 375
µA
■ Low input bias current: 20nA
■ Low input offset voltage: 3mV max.
■ Low input offset current: 2nA
■ Wide power supply range:
Single supply: +3V to +30V
Dual supplies: ±1.5V to ±15V
Description
These circuits consist of four independent, high
gain,
internally
frequency
compensated
operational amplifiers. They operate from a single
power supply over a wide range of voltages.
Operation from split power supplies is also
possible and the low power supply current drain is
independent of the magnitude of the power supply
voltage.
All the pins are protected against electrostatic
discharges up to 2000V (as a consequence, the
input voltages must not exceed the magnitude of
VCC
+ or V
CC
-.)
Order Codes
N
DIP14
(Plastic Package)
D
SO-14
(Plastic Micropackage)
P
TSSOP-14
(Thin Shrink Small Outline Package)
Part Number
Temperature Range
Package
Packaging
LM124WN
-55°C, +125°C
DIP
Tube
LM124WD/WDT
SO
Tube or Tape & Reel
LM224WN
-40°C, +105°C
DIP
Tube
LM224WD/WDT
SO
Tube or Tape & Reel
LM224WPT
TSSOP
(Thin Shrink Outline Package)
Tape & Reel
LM324WN
0°C, +70°C
DIP
Tube
LM324WD/WDT
SO
Tube or Tape & Reel
LM324WPT
TSSOP
(Thin Shrink Outline Package)
Tape & Reel
www.st.com


Similar Part No. - LM324W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM324W STMICROELECTRONICS-LM324W Datasheet
606Kb / 13P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
Sep-2003
logo
Rohm
LM324WDR ROHM-LM324WDR Datasheet
974Kb / 18P
SIGNATURE SERIES Operational Amplifiers
2011.06 - Rev.B
LM324WDT ROHM-LM324WDT Datasheet
974Kb / 18P
SIGNATURE SERIES Operational Amplifiers
2011.06 - Rev.B
logo
STMicroelectronics
LM324WDT STMICROELECTRONICS-LM324WDT Datasheet
1Mb / 22P
Low-power quad operational amplifiers
09-Sep-2019
logo
Rohm
LM324WPR ROHM-LM324WPR Datasheet
974Kb / 18P
SIGNATURE SERIES Operational Amplifiers
2011.06 - Rev.B
More results

Similar Description - LM324W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
Jun-1999
LM124A STMICROELECTRONICS-LM124A Datasheet
1,021Kb / 13P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
Mar-2001
LM2902 STMICROELECTRONICS-LM2902 Datasheet
135Kb / 14P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
Aug-1998
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324 Datasheet
52Kb / 2P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM124 STMICROELECTRONICS-LM124_05 Datasheet
915Kb / 16P
Low Power Quad Operational Amplifiers
Rev 3 June 2005
logo
National Semiconductor ...
LM2902EP NSC-LM2902EP Datasheet
844Kb / 18P
Low Power Quad Operational Amplifiers
logo
Taiwan Semiconductor Co...
TS324 TSC-TS324_07 Datasheet
531Kb / 8P
Low Power Quad Operational Amplifiers
logo
Texas Instruments
LM124JAN TI1-LM124JAN_13 Datasheet
781Kb / 26P
Low Power Quad Operational Amplifiers
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902_V01 Datasheet
792Kb / 20P
Low-power quad operational amplifiers
31-Aug-2022
logo
New Japan Radio
NJM324C NJRC-NJM324C Datasheet
459Kb / 10P
Low power quad operational amplifiers
ver.09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com