Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM833D Datasheet(PDF) 6 Page - STMicroelectronics

Part # LM833D
Description  Low Noise Dual Operational Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM833D Datasheet(HTML) 6 Page - STMicroelectronics

  LM833D Datasheet HTML 1Page - STMicroelectronics LM833D Datasheet HTML 2Page - STMicroelectronics LM833D Datasheet HTML 3Page - STMicroelectronics LM833D Datasheet HTML 4Page - STMicroelectronics LM833D Datasheet HTML 5Page - STMicroelectronics LM833D Datasheet HTML 6Page - STMicroelectronics LM833D Datasheet HTML 7Page - STMicroelectronics LM833D Datasheet HTML 8Page - STMicroelectronics LM833D Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Electrical Characteristics
LM833
6/9
Figure 8.
Voltage gain and phase vs.
frequency
Figure 9.
THD + noise vs. Vout
-30
-20
-10
0
10
20
30
40
50
10
100
1000
10000
100000
Frequency (kHz)
-120
-60
0
60
120
180
RL = 2kΩ, CL = 100pF
VCC = ±15V, G = -100
phase
gain
0.001
0.010
0.100
1.000
12
345
678
9
10
Vout (Vrms)
RL = 2kΩ, f = 1kHz
VCC = ±15V, Av = 10



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com