Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM393D Datasheet(PDF) 4 Page - STMicroelectronics

Part # LM393D
Description  Low Power Dual Voltage Comparators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM393D Datasheet(HTML) 4 Page - STMicroelectronics

  LM393D Datasheet HTML 1Page - STMicroelectronics LM393D Datasheet HTML 2Page - STMicroelectronics LM393D Datasheet HTML 3Page - STMicroelectronics LM393D Datasheet HTML 4Page - STMicroelectronics LM393D Datasheet HTML 5Page - STMicroelectronics LM393D Datasheet HTML 6Page - STMicroelectronics LM393D Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Absolute Maximum Ratings
LM193, LM193A, LM293, LM293A, LM393, LM393A
4/15
3
Absolute Maximum Ratings
Table 1.
Key parameters and their absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
±18 or 36
V
Vid
Differential Input Voltage
±36
V
Vi
Input Voltage
-0.3 to +36
V
Output Short-circuit to Ground - note (1)
1.
Short-circuits from the output to VCC
+ can cause excessive heating and eventual destruction. The
maximum output current is approximately 20mA independent of the magnitude of VCC
+.
Infinite
Pd
Power Dissipation (2)
DIP-8
SO-8
TSSOP8
Mini SO-8
2.
Pd is calculated with Tamb = +25°C, Tj = +150°C and
Rthja = 100°C/W for DIP8 package
Rthja = 175°C/W for SO-8 package
Rthja = 200°C/W for TSSOP8 package
Rthja = 215°C/W for Mini SO-8 package
1250
710
625
580
mW
Tstg
Storage Temperature Range
-65 to +150
°C
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
Vicm
Common Mode Input Voltage Range
0 to VCC
+ -1.5
V
Toper
Operating Free-Air Temperature range
LM193, A
LM293, A
LM393, A
-55 to +125
-40 to +105
0 to +70
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com