Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8380 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8380
Description  Control circuit for switched mode power supplies
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8380 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8380 Datasheet HTML 9Page - NXP Semiconductors TDA8380 Datasheet HTML 10Page - NXP Semiconductors TDA8380 Datasheet HTML 11Page - NXP Semiconductors TDA8380 Datasheet HTML 12Page - NXP Semiconductors TDA8380 Datasheet HTML 13Page - NXP Semiconductors TDA8380 Datasheet HTML 14Page - NXP Semiconductors TDA8380 Datasheet HTML 15Page - NXP Semiconductors TDA8380 Datasheet HTML 16Page - NXP Semiconductors TDA8380 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
November 1993
13
Philips Semiconductors
Product specification
Control circuit for switched mode power supplies
TDA8380A
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
THERMAL RESISTANCE
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Voltage
pin 5 (VCC)
−0.5
−
20
V
pins 1, 2, 4 and 16
−0.5
−
VCC
V
pins 3 and 13
−0.5
−
0.5
V
pins 7 and 9
−0.5
−
6.5
V
pin 11
0.6
−
VCC
V
Currents
pins 5 (VCC)0
−
20
mA
pin 1
−0.75
−
0A
pin 2
0
−
0.75
A
pins 3, 4, 6 to 8 and 10 to 12
−10
−
10
mA
pin 13
−200
−
10
mA
pin 15
−2.5
−
0A
pin 16
0
−
2.5
A
Total power dissipation
Ptot
see Fig.12
Operating ambient temperature range
(for dissipation
≤ 1W)
Tamb
−25
−+70
°C
Storage temperature range
Tstg
−55
−+150
°C
From junction to ambient (in free air)
Rth j−a(max)
=
55 K/W
Fig.12 Power derating curve.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com