Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8385 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA8385
Description  Control circuit for a Self-Oscillating Power Supply SOPS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8385 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA8385 Datasheet HTML 13Page - NXP Semiconductors TDA8385 Datasheet HTML 14Page - NXP Semiconductors TDA8385 Datasheet HTML 15Page - NXP Semiconductors TDA8385 Datasheet HTML 16Page - NXP Semiconductors TDA8385 Datasheet HTML 17Page - NXP Semiconductors TDA8385 Datasheet HTML 18Page - NXP Semiconductors TDA8385 Datasheet HTML 19Page - NXP Semiconductors TDA8385 Datasheet HTML 20Page - NXP Semiconductors TDA8385 Datasheet HTML 21Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
March 1994
22
Philips Semiconductors
Preliminary specification
Control circuit for a Self-Oscillating
Power Supply (SOPS)
TDA8385
SOLDERING
Plastic dual in-line packages
BY DIP OR WAVE
The maximum permissible
temperature of the solder is 260
°C;
this temperature must not be in
contact with the joint for more than
5 s. The total contact time of
successive solder waves must not
exceed 5 s.
The device may be mounted up to the
seating plane, but the temperature of
the plastic body must not exceed the
specified storage maximum. If the
printed-circuit board has been
pre-heated, forced cooling may be
necessary immediately after
soldering to keep the temperature
within the permissible limit.
REPAIRING SOLDERED JOINTS
Apply a low voltage soldering iron
below the seating plane (or not more
than 2 mm above it). If its temperature
is below 300
°C, it must not be in
contact for more than 10 s; if
between 300 and 400
°C, for not
more than 5 s.
DEFINITIONS
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices, or systems where malfunction of these
products can reasonably be expected to result in personal injury. Philips customers using or selling these products for
use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such
improper use or sale.
Data sheet status
Objective specification
This data sheet contains target or goal specifications for product development.
Preliminary specification
This data sheet contains preliminary data; supplementary data may be published later.
Product specification
This data sheet contains final product specifications.
Limiting values
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or
more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation
of the device at these or at any other conditions above those given in the Characteristics sections of the specification
is not implied. Exposure to limiting values for extended periods may affect device reliability.
Application information
Where application information is given, it is advisory and does not form part of the specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com