Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT78C5009 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT78C5009
Description  Serial ATA Host Bridge
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT78C5009 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT78C5009 Datasheet HTML 1Page - ATMEL Corporation AT78C5009 Datasheet HTML 2Page - ATMEL Corporation AT78C5009 Datasheet HTML 3Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
AT78C5009
3511AS–NETST–8/04
Figure 1. AT78C5009 Block/PAD Interconnect
1.5Gb/s
Transceiver
ATA/Serial ATA
Controler
RX+
RX-
RX+
RX-
Rx[19:0], Receive Data Bus
Tx[19:0], Transmit Data Bus
TBC (transmit byte clock 75 MHz)
TX_ENABLE
RBC (receive byte clock 75 MHZ)
COMMA_DETECT
COMWAKE
COMRI
REALIGN
RX_LOCKED
RX_ERROR
PARTIAL
SLUMBER
STOP
RESET
SCLK
SDEN
SDATA
ASIC_CKRATE
ASICLK
ATA_DATA[15:0]
ATA_ADR[2:0]
ATA_IOWRN
ATA_IORDN
ATA_HCS0
ATA_HCS1
ATA_IOCHRDY
ATA_PDIAGN
ATA_DASPN
ATA_CS
ATA_INTRQ
ATA_DMARQ
ATA_DMACKN
ATA_RESETN
ATA_HOST
TEST_ENABLE0N
TEST_ENABLE1N
TEST_ENABLE2N
EEPROM
TEST_MUX3
SDATA
TEST_MUX2
SDEN
TEST_MUX1
SCLK
TEST_MUX0
RESET
COMPARE
OSC
AMP
PRESETN
XTAL_IN
XTAL_OUT
Alternate PHY
Test Pin Functions
PHY_DATA[15:0]
PHY_DATA[18:16]
PHY_TBC
PHY_RBC
PHY_COMDET
PHY_DATA[19]
PHY_SLV
PHY_RXLOCKED
PHY_DIRECTION
PHY_SLOP
PHY_SCLK
PHY_SDEN
PHY_SDATA
PHY_EWRAP
PHY_RESET



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com