Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8395 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8395
Description  SECAM decoder
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8395 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8395 Datasheet HTML 1Page - NXP Semiconductors TDA8395 Datasheet HTML 2Page - NXP Semiconductors TDA8395 Datasheet HTML 3Page - NXP Semiconductors TDA8395 Datasheet HTML 4Page - NXP Semiconductors TDA8395 Datasheet HTML 5Page - NXP Semiconductors TDA8395 Datasheet HTML 6Page - NXP Semiconductors TDA8395 Datasheet HTML 7Page - NXP Semiconductors TDA8395 Datasheet HTML 8Page - NXP Semiconductors TDA8395 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
October 1991
2
Philips Semiconductors
Preliminary specification
SECAM decoder
TDA8395
FEATURES
• Fully integrated filters
• Alignment free
• For use with baseband delay
GENERAL DESCRIPTION
The TDA8395 is a self-calibrating, fully integrated SECAM decoder. The IC should preferably be used in conjunction with
the PAL/NTSC decoder TDA8362 or TDA8366 and with the switched capacitor baseband delay circuit TDA4660. The IC
incorporates HF and LF filters, a demodulator and an identification circuit (luminance is not processed in this IC). The IC
needs no adjustments and very few external components are required. A highly stable reference frequency is required
for calibration and a two-level sandcastle pulse for blanking and burst gating.
QUICK REFERENCE DATA
ORDERING INFORMATION
Note
1. SOT38-1; 1996 December 3.
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VP
positive supply voltage; pin 3
7.2
−
8.8
V
Ptot
total power dissipation
−−
220
mW
V16(p-p)
composite video input voltage
(peak-to-peak value); pin 16
−
1.0
1.5
V
VO(p-p)
−(R−Y) output voltage amplitude
(peak-to-peak value); pin 9
−
1.05
−
V
VO(p-p)
−(B−Y) output voltage amplitude
(peak-to-peak value); pin 10
−
1.33
−
V
EXTENDED TYPE NUMBER
PACKAGE
PINS
PIN POSITION
MATERIAL
CODE
TDA8395
16
DIL
plastic
SOT38GE1(1)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com