Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA555 Datasheet(PDF) 19 Page - STMicroelectronics

Part # SA555
Description  General purpose single bipolar timers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SA555 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button SA555 Datasheet HTML 12Page - STMicroelectronics SA555 Datasheet HTML 13Page - STMicroelectronics SA555 Datasheet HTML 14Page - STMicroelectronics SA555 Datasheet HTML 15Page - STMicroelectronics SA555 Datasheet HTML 16Page - STMicroelectronics SA555 Datasheet HTML 17Page - STMicroelectronics SA555 Datasheet HTML 18Page - STMicroelectronics SA555 Datasheet HTML 19Page - STMicroelectronics SA555 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
NE555 - SA555 - SE555
Ordering information
19/20
6
Ordering information
7
Revision history
Table 4.
Order codes
Part number
Temperature range
Package
Packing
Marking
NE555N
0°C, +70°C
DIP8
Tube
NE555N
NE555D/DT
SO8
Tube or tape & reel
NE555
SA555N
-40°C, +105°C
DIP8
Tube
SA555N
SA555D/DT
SO8
Tube or tape & reel
SA555
SE555N
-55°C, + 125°C
DIP8
Tube
SE555N
SE555D/DT
SO8
Tube or tape & reel
SE555
Date
Revision
Changes
1-Jun-2003
1
Initial release.
2004-2006
2-3
Internal revisions
15-Mar-2007
4
Expanded order code table.
Template update.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com