Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6382DTR Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6382DTR
Description  Power management unit for microcontrolled ballast
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6382DTR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6382DTR Datasheet HTML 9Page - STMicroelectronics L6382DTR Datasheet HTML 10Page - STMicroelectronics L6382DTR Datasheet HTML 11Page - STMicroelectronics L6382DTR Datasheet HTML 12Page - STMicroelectronics L6382DTR Datasheet HTML 13Page - STMicroelectronics L6382DTR Datasheet HTML 14Page - STMicroelectronics L6382DTR Datasheet HTML 15Page - STMicroelectronics L6382DTR Datasheet HTML 16Page - STMicroelectronics L6382DTR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
L6382D
Application information
13/22
Summarizing:
–
the high-voltage start-up generator is active;
–VREF is disabled with additional sinking circuit on pin VREF enabled;
–
TPR is disabled;
–
OCP is disabled;
–
the drivers are disabled.
6.1.2
SAVE Mode
This mode is entered after the Vcc voltage reaches the turn-on threshold; the VREF is
enabled in low current source mode to supply the
µC connected to it, whose wake-up
required current must be less than 10mA: if no switching activity is detected at LGI input, the
high voltage start-up generator cycles ON-OFF keeping the Vcc voltage between VccON
and VccSM.
Summarizing:
–
the high-voltage start-up generator is cycling;
–VREF is enabled in low source current capability (IREF ≤ 10mA);
–
TPR circuit is disabled;
–
OCP is disabled;
–
the drivers are disabled.
If the Vcc voltage falls below the VREF(OFF) threshold, the device enters the start-up mode.
6.1.3
OPERATING Mode
After 10
µs in save mode and only if the voltage at V
REF is higher than 3.0V, on the falling
edge on the HGI input, the drivers are enabled as well as all the IC's functions; this is the
mode correspondent to the proper lamp behavior.
Summarizing:
–
HVSU is OFF
–VREF is enabled in high source current mode (IREF < 30mA)
–
TPR circuit is enabled
–
OCP is enabled
–
the drivers are enabled
If there is no switching activity on LGI for more than 100
µs, the IC returns in save mode.
6.1.4
Shut down
This state permits to manage the fault conditions in operating mode and it is entered by the
occurrence on one of the following conditions:
1.
Vcc<VccOff (Under Voltage fault on Supply),
2.
VREF<2.0V (Under Voltage fault on VREF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com