Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH343ID Datasheet(PDF) 11 Page - STMicroelectronics

Part # TSH343ID
Description  280MHz single-supply triple video buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH343ID Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TSH343ID Datasheet HTML 7Page - STMicroelectronics TSH343ID Datasheet HTML 8Page - STMicroelectronics TSH343ID Datasheet HTML 9Page - STMicroelectronics TSH343ID Datasheet HTML 10Page - STMicroelectronics TSH343ID Datasheet HTML 11Page - STMicroelectronics TSH343ID Datasheet HTML 12Page - STMicroelectronics TSH343ID Datasheet HTML 13Page - STMicroelectronics TSH343ID Datasheet HTML 14Page - STMicroelectronics TSH343ID Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
TSH343
Application information
11/17
Figure 27.
Detailed view of one TSH343 channel
Because of the shape of the signal shown in Figure 25, we use a very low output rail triple
high-speed buffer. The TSH343 supplied in 5V single power supply, features a low output rail
of 40mV on 150-ohm load. The TSH343 is used to drive high definition video signals up to
30MHz on 75-ohm video lines. It is dedicated to driving YPbPr signals where the
synchronization tip—close to zero volt—is included in the Y signal.
Figure 27 shows a solution used on the STMicroelectronics reference design of STi7100 or
STi7200 where the DAC output is loaded by 140
Ω and the bottom of the synchronization tip
is set at 10mV. Using the TSH343, an internal input DC value of 600mV is added to the
video signal in order to shift the bottom from 10mV to 610mV. The shift is not based on the
average of the signal, but is an analog summation of a DC component to the video signal.
Therefore, no input capacitors are required which provides a real advantage in terms of cost
and board space.
The internal gain of 2 obtained makes it possible to remove two resistors on the BOM. To
avoid any perturbation on matching from the DACs output impedance along a large band of
30MHz in HD, a discrete reconstruction filtering is implemented after the driver. This filter is
matched on 75-ohms. Note that the TSH343 cannot be AC output coupled (it cannot sink an
output current, therefore it is not possible to implement an output series capacitor).
video line
+5V
1/3 TSH343
(gain=2)
0V
0Volt
5Volt
DAC
68pF
68pF
470nH
75
Ω
75
Ω
TV
STB
1,22V
(10mV+600mV)*gain
3,22V
0Volt
5Volt
10mV
1,01V
0Volt
610mV
1,61V
140
Ω
+
600mV
DC
-5V
5Volt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com