Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F101X8 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STM32F101X8
Description  Access line, advanced ARM-based 32-bit MCU with Flash memory, six 16-bit timers, ADC and seven communication interfaces
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101X8 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STM32F101X8 Datasheet HTML 24Page - STMicroelectronics STM32F101X8 Datasheet HTML 25Page - STMicroelectronics STM32F101X8 Datasheet HTML 26Page - STMicroelectronics STM32F101X8 Datasheet HTML 27Page - STMicroelectronics STM32F101X8 Datasheet HTML 28Page - STMicroelectronics STM32F101X8 Datasheet HTML 29Page - STMicroelectronics STM32F101X8 Datasheet HTML 30Page - STMicroelectronics STM32F101X8 Datasheet HTML 31Page - STMicroelectronics STM32F101X8 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 64 page
background image
Electrical characteristics
STM32F101xx
28/64
5.3.5
Supply current characteristics
The current consumption is measured as described in Figure 9: Current consumption
measurement scheme.
Maximum current consumption
The MCU is placed under the following conditions:
●
All I/O pins are in input mode with a static value at VDD or VSS (no load)
●
All peripherals are disabled except if it is explicitly mentioned
●
The Flash access time is adjusted to fHCLK frequency (0 wait state from 0 to 24 MHz, 1
wait state from 24 to 36 MHz)
The parameters given in Table 11 are derived from tests performed under ambient
temperature and VDD supply voltage conditions summarized in Table 7.
Table 11.
Maximum current consumption in Run and Sleep modes (TA = 85 °C)
(1)
Symbol
Parameter
Conditions
FHCLK
Typ (2) Max(3)
Unit
IDD
Supply current in
Run mode
External clock with PLL, code running from
Flash, all peripherals enabled (see RCC register
description): fPCLK1= fHCLK/2, fPCLK2=fHCLK
36 MHz
22
TBD
mA
24 MHz
21
TBD
External clock, PLL stopped, code running from
Flash, all peripherals enabled (see RCC register
description): fPCLK1= fHCLK/2, fPCLK2=fHCLK
8 MHz
10
TBD
External clock with PLL, code running from RAM,
all peripherals enabled (see RCC register
description): fPCLK1= fHCLK/2, fPCLK2=fHCLK
36 MHz
13
18
24 MHz
11
15
External clock, PLL stopped, code running from
RAM, all peripherals enabled (see RCC register
description): fPCLK1= fHCLK/2, fPCLK2=fHCLK
8 MHz
4.5
TBD
Supply current in
Sleep mode
External clock with PLL, code running from RAM
or Flash, all peripherals enabled (see RCC
register description): fPCLK1= fHCLK/2,
fPCLK2=fHCLK
36 MHz
13
22
24 MHz
10
17
External clock, PLL stopped, code running from
RAM or Flash, all peripherals enabled (see RCC
register description): fPCLK1= fHCLK/2,
fPCLK2=fHCLK
8 MHz
3.5
TBD
1.
TBD stands for to be determined.
2.
Typical values are measured at TA = 25 °C, and VDD = 3.3 V.
3.
Data based on characterization results, tested in production at VDmax, fHCLK max. TAmax, and code executed from RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com