Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST232ABN Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST232ABN
Description  Very high speed, ultra low power consumption 5V Powered RS-232 drivers and receivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST232ABN Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST232ABN Datasheet HTML 4Page - STMicroelectronics ST232ABN Datasheet HTML 5Page - STMicroelectronics ST232ABN Datasheet HTML 6Page - STMicroelectronics ST232ABN Datasheet HTML 7Page - STMicroelectronics ST232ABN Datasheet HTML 8Page - STMicroelectronics ST232ABN Datasheet HTML 9Page - STMicroelectronics ST232ABN Datasheet HTML 10Page - STMicroelectronics ST232ABN Datasheet HTML 11Page - STMicroelectronics ST232ABN Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Typical performance characteristics
ST232A
8/19
5
Typical performance characteristics
(Unless otherwise specified TJ = 25°C).
Figure 3.
Driver voltage transfer
characteristics
Figure 4.
Drive short circuit output current vs
temperature
Figure 5.
Receiver threshold vs supply
voltage
Figure 6.
Driver output capability current vs
output voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com