Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST485A Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST485A
Description  Very high speed low power RS-485/RS-422 transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST485A Datasheet(HTML) 3 Page - STMicroelectronics

  ST485A Datasheet HTML 1Page - STMicroelectronics ST485A Datasheet HTML 2Page - STMicroelectronics ST485A Datasheet HTML 3Page - STMicroelectronics ST485A Datasheet HTML 4Page - STMicroelectronics ST485A Datasheet HTML 5Page - STMicroelectronics ST485A Datasheet HTML 6Page - STMicroelectronics ST485A Datasheet HTML 7Page - STMicroelectronics ST485A Datasheet HTML 8Page - STMicroelectronics ST485A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ST485A
Pin configuration
3/19
1
Pin configuration
Figure 1.
Pin configuration
1.1
Pin description
Table 1.
Pin description
Pin
Symbol
Name and function
1RO
Receiver output. If A>B by 200mV, RO will be high; if A<B by 200mV, RO will be
low
2RE
Receiver output enable. RO is enabled when RE is low; RO is high impedance
when RE is high. If RE is high and DE is low, the device will enter a low power
shutdown mode.
3DE
Driver output enable. The driver outputs are enabled by bringing DE high. They are
high impedance when DE is low. If RE is high DE is low, the device will enter a low-
power shutdown mode. If the driver outputs are enabled, the part functions as line
driver, while they are high impedance, it functions as line receivers if RE is low.
4DI
Driver input. A low on DI forces output A low and output B high. Similarly, a high on
DI forces output A high and output B low
5
GND
Ground
6
A
Non-inverting receiver input and non-inverting driver output
7
B
Inverting receiver input and inverting driver output
8VCC
Supply voltage: VCC= 4.75V to 5.25V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com