Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C940VI/W Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # AM79C940VI/W
Description  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940VI/W Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button AM79C940VI/W Datasheet HTML 9Page - Advanced Micro Devices AM79C940VI/W Datasheet HTML 10Page - Advanced Micro Devices AM79C940VI/W Datasheet HTML 11Page - Advanced Micro Devices AM79C940VI/W Datasheet HTML 12Page - Advanced Micro Devices AM79C940VI/W Datasheet HTML 13Page - Advanced Micro Devices AM79C940VI/W Datasheet HTML 14Page - Advanced Micro Devices AM79C940VI/W Datasheet HTML 15Page - Advanced Micro Devices AM79C940VI/W Datasheet HTML 16Page - Advanced Micro Devices AM79C940VI/W Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 144 page
background image
Am79C940
13
PIN/PACKAGE SUMMARY (PQFP) (continued)
PQFP Pin #
Pin Name
Pin Function
1
NC
No Connect
2
NC
No Connect
3
NC
No Connect
4
NC
No Connect
5
SHDCLK
Serial Receive Data Clock
6
EAM/R
External Address Match/Reject
7
SRD
Serial Receive Data
8
SF/BD
Start Frame/Byte Delimiter
9
RESET
Reset
10
SLEEP
Sleep Mode
11
DVDD
Digital Power
12
INTR
Interrupt
13
TC
Timing Control
14
DBUS0
Data Bus0
15
DVSS
Digital Ground
16
DBUS1
Data Bus1
17
DBUS2
Data Bus2
18
DBUS3
Data Bus3
19
DBUS4
Data Bus4
20
DVSS
Digital Ground
21
DBUS5
Data Bus5
22
DBUS6
Data Bus6
23
DBUS7
Data Bus7
24
DBUS8
Data Bus8
25
DBUS9
Data Bus9
26
NC
No Connect
27
NC
No Connect
28
NC
No Connect
29
DBUS10
Data Bus10
30
NC
No Connect
31
DBUS11
Data Bus11
32
DBUS12
Data Bus12
33
DBUS13
Data Bus13
34
DVDD
Digital Power
35
DBUS14
Data Bus14
36
DBUS15
Data Bus15
37
DVSS
Digital Ground
38
EOF
End of Frame
39
DTV
Data Transfer Valid
40
FDS
FIFO Data Strobe
41
BE0
Byte Enable0
42
BE1
Byte Enable1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com