Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024CTR Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST8024CTR
Description  Smartcard interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024CTR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST8024CTR Datasheet HTML 2Page - STMicroelectronics ST8024CTR Datasheet HTML 3Page - STMicroelectronics ST8024CTR Datasheet HTML 4Page - STMicroelectronics ST8024CTR Datasheet HTML 5Page - STMicroelectronics ST8024CTR Datasheet HTML 6Page - STMicroelectronics ST8024CTR Datasheet HTML 7Page - STMicroelectronics ST8024CTR Datasheet HTML 8Page - STMicroelectronics ST8024CTR Datasheet HTML 9Page - STMicroelectronics ST8024CTR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Maximum ratings
ST8024
6/30
3
Maximum ratings
Note:
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these conditions is not implied.
Note:
1
All card contacts are protected against any short with any other card contact.
2
Method 3015 (HBM, 1500
Ω, 100 pF) 3 positive pulses and 3 negative pulses on each pin
referenced to ground.
Table 2.
Absolute maximum ratings
Symbol
Parameter
Min
Max
Unit
VDD, VDDP Supply Voltage
-0.3
7
V
Vn1
Voltage on pins XTAL1, XTAL2, 5V/3V, RSTIN, AUX2UC,
AUX1UC, I/OUC, CLKDIV1, CLKDIV2, PORADJ, CMDVCC,
PRES, PRES and OFF
-0.3
VDD + 0.3
V
Vn2
Voltage on card contact pins I/O, RST, AUX1, AUX2 and CLK
-0.3
VCC + 0.3
V
Vn3
Voltage on pins VUP, S1 and S2
7
V
ESD1
MIL-STD-883 class 3 on card contact pins, PRES and PRES
(
Note: 1, 2)
-6
6
kV
ESD2
MIL-STD-883 class 2 on µC contact pins and RSTIN (Note 1, 2)
-2
2
kV
TJ(MAX)
Maximum Operating Junction Temperature
150
°C
TSTG
Storage Temperature Range
-40
150
°C
Table 3.
Thermal data
Symbol
Parameter
Condition
SO-28
TSSOP28
Unit
RthJA
Thermal resistance junction-ambient temperature
Multilayer test board
(Jedec standard)
56
50
°K/W
Table 4.
Recommended operating conditions
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
TA
Temperature range
-25
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com