Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A49LF040A Datasheet(PDF) 2 Page - AMIC Technology

Part # A49LF040A
Description  4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A49LF040A Datasheet(HTML) 2 Page - AMIC Technology

  A49LF040A Datasheet HTML 1Page - AMIC Technology A49LF040A Datasheet HTML 2Page - AMIC Technology A49LF040A Datasheet HTML 3Page - AMIC Technology A49LF040A Datasheet HTML 4Page - AMIC Technology A49LF040A Datasheet HTML 5Page - AMIC Technology A49LF040A Datasheet HTML 6Page - AMIC Technology A49LF040A Datasheet HTML 7Page - AMIC Technology A49LF040A Datasheet HTML 8Page - AMIC Technology A49LF040A Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
A49LF040A
Preliminary
4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
PRELIMINARY (March, 2006, Version 0.1)
1
AMIC Technology, Corp.
FEATURES
• Single Power Supply Operation
-
Low voltage range: 3.0 V - 3.6 V for Read and Write
Operations
• Standard Intel Low Pin Count Interface
-
Read compatible to Intel® Low Pin Count (LPC)
interface
• Memory Configuration
-
512K x 8 (4 Mbit)
• Block Architecture
-
4Mbit: eight uniform 64KByte blocks
-
Supports full chip erase for Address/Address
Multiplexed (A/A Mux) mode
• Automatic Erase and Program Operation
-
Embedded Byte Program and Block/Chip Erase
algorithms
-
Typical 10 µs/byte programming time
-
Typical 1s block erase time
• Two Operational Modes
-
Low Pin Count Interface (LPC) Mode for in-system
operation
-
Address/Address Multiplexed (A/A Mux) Interface
Mode for programming equipment
• Low Pin Count (LPC) Mode
-
33 MHz synchronous operation with PCI bus
-
5-signal communication interface for in-system read
and write operations
-
Standard SDP Command Set
-
Data Polling (I/O7) and Toggle Bit (I/O6) features
-
Block Locking Register for all blocks
-
4 ID pins for multi-chip selection
-
5 GPI pins for General Purpose Input Register
-
TBL
pin for hardware write protection to Boot Block
-
WP
pin for hardware write protection to whole
memory array except Boot Block
• Address/Address Multiplexed (A/A Mux) Mode
-
11-pin multiplexed address and 8-pin data I/O interface
-
Supports fast programming on EPROM programmers
-
Standard SDP Command Set
-
Data Polling (I/O7) and Toggle Bit (I/O6) features
• Lower Power Consumption
-
Typical 12mA active read current
-
Typical 24mA program/erase current
• High Product Endurance
-
Guarantee 100,000 program/erase cycles for each
block
-
Minimum 20 years data retention
• Compatible Pin-out and Packaging
-
32-pin (8 mm x 14 mm) TSOP (TYPE I)
-
32-pin PLCC
-
Optional Pb-free (Lead-free) package
-
All Pb-free (Lead-free) products are RoHS compliant
General Description
The A49LF040A flash memory device is designed to be
read-compatible with the Intel Low Pin Count (LPC) Interface
Specification 1.1. This device is designed to use a single low
voltage, range from 3.0 Volt to 3.6 Volt power supply to
perform in-system or off-system read and write operations. It
provides protection for the storage and update of code and
data in addition to adding system design flexibility through
five general-purpose inputs. Two interface modes are
supported by the A49LF040A: Low Pin Count (LPC) Interface
mode for In-System programming and Address/Address
Multiplexed (A/A Mux) mode for fast factory programming of
PC-BIOS applications.
The memory is divided into eight uniform 64Kbyte blocks that
can be erased independently without affecting the data in
other blocks. Blocks also can be protected individually to
prevent accidental Program or Erase commands from
modifying the memory. The boot block can be write protected
by a hardware method controlled by the TBL pin or a
register-based protection turned on/off by the Block Locking
Registers (LPC mode only). The rest of blocks except boot
block in the device also can be write protected by WP pin or
Block Locking Registers (LPC mode only). The Program and
Erase operations are executed by issuing the Program/Erase
commands into the command interface by which activating
the internal control logic to automatically process the
Program/Erase procedures. The device can be programmed
on a byte-by-byte basis after performing the Erase operation.
In addition to the Block Erase operation, the Chip Erase
feature is provided in A/A Mux mode that allows the whole
memory to be erased in one single Erase operation. The
A49LF040A provides the status detection such as Data
Polling (I/O7) and Toggle Bit (I/O6) Functions in both
FWH/LPC and A/A Mux modes. The process or completion
of Program and Erase operations can be detected by reading
the status bits.
The A49LF040A is offered in 32-lead TSOP and 32-lead
PLCC packages with optional environmental friendly lead-
free package. See Figures 1 and 2 for pin assignments and
Table 1 for pin descriptions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com