Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8123ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8123ACPZ-R7
Description  Triple Differential Receiver with Adjustable Line Equalization
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8123ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8123ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8123ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8123ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8123ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8123ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8123ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8123ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8123ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8123ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD8123
Rev. 0 | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VS = ±5 V, RL = 150 Ω, Belden Cable (BL-7987R), VOFFSET = 0 V, VPEAK, VGAIN, and VPOLE are set to recommended settings shown in
Figure 17, unless otherwise noted.
–6
–5
–4
–3
–2
–1
0
1
2
3
4
100k
1M
10M
100M
VGAIN = 0V
VGAIN = 1V
VGAIN = 2V
VGAIN = 0V
VPOLE = 0V
VO = 1V p-p
FREQUENCY (Hz)
Figure 5. Frequency Response for Various VGAIN Without Cable
–60
–40
–20
0
20
40
60
VPEAK = 0V
VPEAK = 1V
VPEAK = 2V
100k
1M
10M
100M
FREQUENCY (Hz)
VGAIN = 0.6V
VPOLE = 2V
VO = 1V p-p
Figure 6. Frequency Response for Various VPEAK Without Cable
–60
–50
–40
–30
–20
–10
0
10
20
30
40
VPOLE = 0V
VPOLE = 1V
VPOLE = 2V
100k
1M
10M
100M
FREQUENCY (Hz)
VGAIN = 0.6V
VPEAK = 1V
VO = 1V p-p
Figure 7. Frequency Response for Various VPOLE Without Cable
–12
–9
–10
–11
–6
–3
–4
–5
–7
–8
–2
–1
0
1
2
3
50m
100m
150m
200m
300m
VO = 2V p-p
100k
1M
10M
100M
FREQUENCY (Hz)
Figure 8. Equalized Frequency Response for Various Cable Lengths
0
20
40
60
80
100
120
0
50
100
150
200
250
300
CABLE LENGTH (meters)
VO = 2V p-p
Figure 9. Equalized −3 dB Bandwidth vs. Cable Length
–6
–4
–2
0
2
4
6
0
50
100
150
200
250
300
350
400
450
500
TIME (ns)
VGAIN = 0.6V
VPEAK = 0V
VPOLE = 0V
INPUT
OUTPUT
Figure 10. Overdrive Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com