Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL061 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TL061
Description  LOW POWER J-FET SINGLE OPERATIONAL AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL061 Datasheet(HTML) 5 Page - STMicroelectronics

  TL061_07 Datasheet HTML 1Page - STMicroelectronics TL061_07 Datasheet HTML 2Page - STMicroelectronics TL061_07 Datasheet HTML 3Page - STMicroelectronics TL061_07 Datasheet HTML 4Page - STMicroelectronics TL061_07 Datasheet HTML 5Page - STMicroelectronics TL061_07 Datasheet HTML 6Page - STMicroelectronics TL061_07 Datasheet HTML 7Page - STMicroelectronics TL061_07 Datasheet HTML 8Page - STMicroelectronics TL061_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TL061-TL061A-TL061B
Electrical characteristics
5/14
Kov
Overshoot factor (see Figure 16)
Vi= 20mV, RL= 10kΩ, CL=100pF,
Av=1
10
10
10
%
en
Equivalent input noise voltage
RS = 100Ω, f = 1kHz
42
42
42
1.
The input bias currents of a FET-input operational amplifier are normal junction reverse currents, which are temperature
sensitive.Pulse techniques must be used that will maintain the junction temperature as close to the ambient temperature as
possible.
Table 3.
VCC = ±15V, Tamb = +25°C (unless otherwise specified) (continued)
Symbol
Parameter
TL061M
TL061I
TL061C
Unit
Min.
Typ. Max. Min.
Typ. Max. Min.
Typ. Max.
nV
Hz
------------
Table 4.
VCC = ±15V, Tamb = +25°C (unless otherwise specified)
Symbol
Parameter
TL061AC, AI, AM
TL061BC, BI, BM
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Vio
Input offset voltage (RS = 50Ω)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
36
7.5
23
5
mV
DVio
Temperature coefficient of input offset voltage
(RS = 50Ω)
10
10
μV/°C
Iio
Input offset current (1)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
5100
3
5
100
3
pA
nA
Iib
Input bias current (1)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
30
200
7
30
200
7
pA
nA
Vicm
Input common mode voltage range
±11.5
+15
-12
±11
+15
-12
V
Vopp
Output voltage swing (RL = 10kΩ)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
20
20
27
20
20
27
V
Avd
Large signal voltage gain (RL = 10kΩ, Vo = ±10V)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
4
4
64
4
6
V/mV
GBP
Gain bandwidth product
Tamb = +25°C, RL =10kΩ, CL = 100pF
11
MHz
Ri
Input resistance
1012
1012
Ω
CMR
Common mode rejection ratio (RS = 50Ω)
80
86
80
86
dB
SVR
Supply voltage rejection ratio (RS = 50Ω)
80
95
80
95
dB
ICC
Supply current, no load
Tamb = +25°C, no load, no signal
200
250
200
250
μA
PD
Total power consumption
Tamb = +25°C, no load, no signal
6
7.5
6
7.5
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com