Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS271 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TS271
Description  CMOS Programmable Low Power Single Operational Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS271 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TS271_05 Datasheet HTML 4Page - STMicroelectronics TS271_05 Datasheet HTML 5Page - STMicroelectronics TS271_05 Datasheet HTML 6Page - STMicroelectronics TS271_05 Datasheet HTML 7Page - STMicroelectronics TS271_05 Datasheet HTML 8Page - STMicroelectronics TS271_05 Datasheet HTML 9Page - STMicroelectronics TS271_05 Datasheet HTML 10Page - STMicroelectronics TS271_05 Datasheet HTML 11Page - STMicroelectronics TS271_05 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8/17
TS271
Electrical Characteristics
Figure 13. Open loop frequency response and
phase shift
Figure 14. Gain bandwidth product versus
supply voltage
Figure 15. Phase margin versus supply
voltage
50
40
30
20
10
0
-1 0
6
10
10
23
10
4
10
5
10
0
45
90
13 5
18 0
F R E Q UE NC Y , f (Hz )
PH AS E
GA IN
Phase
Margin
Gain
Bandwidth
Product
T
= 25°C
V= 1 0 V
R= 1M
Ω
C
= 10 0pF
A= 1 0 0
am b
CC
L
L
VC L
+
0
4
8
12
16
SU PP L Y V O L T AG E, V
(V )
CC
120
100
80
60
40
am b
L
L
V
T
= 25°C
R= 1M
Ω
C = 1 00p F
A =1
10
0
48
12
16
SU PP L Y V O L T AG E, V
(V)
CC
8
4
2
am b
L
L
V
T
= 25°C
R= 1M
Ω
C = 1 00p F
A =1
6
Figure 16. Phase margin versus capacitive
load
Figure 17. Slew rate versus supply voltage
40
30
20
10
L
C APA C IT A N C E, C
(p F )
20
0
80
10 0
60
40
am b
L
V
T
= 25°C
R= 1M
Ω
A =1
V= 1 0 V
CC
0.01
4
6
8
1 0
12
14
1 6
SU PPL Y V O L T A G E , V
(V )
CC
SR
SR
am b
L
L
T
= 25°C
R=
1M
Ω
C = 1 00p F
0.03
0.04
0.05
0.06
0.07
0.02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com