Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS271CD Datasheet(PDF) 11 Page - STMicroelectronics

Part # TS271CD
Description  CMOS Programmable Low Power Single Operational Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS271CD Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TS271CD Datasheet HTML 7Page - STMicroelectronics TS271CD Datasheet HTML 8Page - STMicroelectronics TS271CD Datasheet HTML 9Page - STMicroelectronics TS271CD Datasheet HTML 10Page - STMicroelectronics TS271CD Datasheet HTML 11Page - STMicroelectronics TS271CD Datasheet HTML 12Page - STMicroelectronics TS271CD Datasheet HTML 13Page - STMicroelectronics TS271CD Datasheet HTML 14Page - STMicroelectronics TS271CD Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11/17
Electrical Characteristics
TS271
Figure 24. Open loop frequency response and
phase shift
Figure 25. Gain bandwidth product versus
supply voltage
Figure 26. Phase margin versus supply
voltage
50
40
30
20
10
0
-1 0
6
10
10
23
10
4
10
5
10
7
10
0
45
90
13 5
18 0
F R E Q UE NC Y , f (Hz )
T
= 25°C
V= 1 0 V
R= 100k
C
= 10 0pF
A= 1 0 0
am b
CC
L
L
VC L
PH AS E
GA IN
Phase
Margin
Gain
Bandwidth
Product
+
0
4
8
12
16
am b
L
L
V
T
= 25°C
R = 100k
C = 1 00p F
A =1
SU PP L Y V O L T AG E, V
(V )
CC
0.9
0.8
0.7
0.6
0.5
0.4
50
0
48
12
16
SU PP L Y V O L T AG E, V
(V)
CC
40
20
10
am b
L
L
V
T
= 25°C
R = 100k
C = 1 00p F
A =1
30
Figure 27. Phase margin versus capacitive
load
Figure 28. Slew rate versus supply voltage
50
40
30
20
L
C APA C IT A N C E, C
(p F )
20
0
80
10 0
60
40
am b
L
V
T
= 25°C
R = 100k
A =1
V= 1 0 V
CC
0
4
6
8
1 0
12
14
1 6
SU PPL Y V O L T A G E , V
(V )
CC
SR
SR
am b
L
L
T
= 25°C
R = 100k
C = 1 00p F
0.2
0.4
0.6
0.8
1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com