Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS372I Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS372I
Description  LOW POWER DUAL CMOS VOLTAGE COMPARATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS372I Datasheet(HTML) 1 Page - STMicroelectronics

  TS372I Datasheet HTML 1Page - STMicroelectronics TS372I Datasheet HTML 2Page - STMicroelectronics TS372I Datasheet HTML 3Page - STMicroelectronics TS372I Datasheet HTML 4Page - STMicroelectronics TS372I Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
s WIDE SINGLE SUPPLY RANGE OR DUAL
SUPPLIES 3V TO 16V OR ±1.5V TO ±8V
s VERY LOW SUPPLY CURRENT:
0.1mA/COMP INDEPENDENT OF SUPPLY
VOLTAGE
s EXTREMELY LOW INPUT BIAS CURRENT :
1pA typ
s EXTREMELY LOW INPUT OFFSET
CURRENTS : 1pA typ
s LOW INPUT OFFSET VOLTAGE
s INPUT COMMON-MODE VOLTAGE RANGE
INCLUDES GND
s LOW OUTPUT SATURATION VOLTAGE
150mV TYP
s OUTPUT COMPATIBLE WITH TTL, MOS
AND CMOS
s HIGH INPUT IMPEDANCE : 1012
Ω typ
s FAST RESPONSE TIME : 200ns TYP FOR
TTL LEVEL INPUT STEP
DESCRIPTION
These devices consist of two independent preci-
sion voltage comparators, designed to operate
with single or dual supplies.
These differential comparators use the STMicro-
electronics silicon lin MOS process giving them an
excellent consumption-speed ratio.
These devices are ideally suited for low consump-
tion applications.
ORDER CODE
N = Dual in Line Package (DIP)
D = Small Outline Package (SO) - also available in Tape & Reel (DT)
PIN CONNECTIONS (top view)
Part Number
Temperature
Range
Package
ND
TS372C
0°C, +70°C
••
TS372I
-40°C, +125°C
••
TS372M
-55°C, +125°C
••
N
DIP8
(Plastic Package)
D
SO8
(Plastic Micropackage)
1
2
3
45
6
7
8
CC
+
-
-
+
-
+
CC
1 - Output 1
2 - Inverting Input 1
3 - Non-inverting Input 1
4 - V
5 - Non-inverting Input 2
6 - Inverting Input 2
7 - Output 2
8 - V
TS372
LOW POWER DUAL CMOS VOLTAGE COMPARATOR
February 2002


Similar Part No. - TS372I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS372I STMICROELECTRONICS-TS372I Datasheet
51Kb / 5P
LOW POWER DUAL CMOS VOLTAGE COMPARATORS
Oct-1997
TS372ID STMICROELECTRONICS-TS372ID Datasheet
128Kb / 10P
Low power dual CMOS voltage comparator
28-Apr-2011
TS372IDT STMICROELECTRONICS-TS372IDT Datasheet
128Kb / 10P
Low power dual CMOS voltage comparator
28-Apr-2011
TS372IN STMICROELECTRONICS-TS372IN Datasheet
128Kb / 10P
Low power dual CMOS voltage comparator
28-Apr-2011
More results

Similar Description - TS372I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ELM742X ETC-ELM742X Datasheet
111Kb / 3P
LOW VOLTAGE, LOW POWER CMOS VOLTAGE COMPARATOR
logo
STMicroelectronics
TS374 STMICROELECTRONICS-TS374 Datasheet
88Kb / 5P
LOW POWER QUAD CMOS VOLTAGE COMPARATOR
Feb-2002
logo
ELM Technology Corporat...
ELM743 ELM-TECH-ELM743 Datasheet
327Kb / 4P
CMOS Low power voltage dual comparator
logo
STMicroelectronics
LM2903H STMICROELECTRONICS-LM2903H_12 Datasheet
320Kb / 10P
Low-power dual voltage comparator
13-Mar-2012
logo
ELM Electronics
ELM742 ELM-ELM742 Datasheet
326Kb / 4P
CMOS Low power voltage comparator
ELM743 ELM-ELM743 Datasheet
333Kb / 4P
CMOS Low power voltage dual comparator
logo
ELM Technology Corporat...
ELM742-SERIES ELM-TECH-ELM742-SERIES Datasheet
645Kb / 4P
CMOS Low power voltage comparator
logo
ELM Electronics
ELM743-SERIES ELM-ELM743-SERIES Datasheet
655Kb / 4P
CMOS Low power voltage dual comparator
logo
ELM Technology Corporat...
ELM742 ELM-TECH-ELM742 Datasheet
645Kb / 4P
CMOS Low power voltage comparator
ELM743 ELM-TECH-ELM743_17 Datasheet
655Kb / 4P
CMOS Low power voltage dual comparator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com