Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS374I Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS374I
Description  LOW POWER QUAD CMOS VOLTAGE COMPARATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS374I Datasheet(HTML) 3 Page - STMicroelectronics

  TS374I Datasheet HTML 1Page - STMicroelectronics TS374I Datasheet HTML 2Page - STMicroelectronics TS374I Datasheet HTML 3Page - STMicroelectronics TS374I Datasheet HTML 4Page - STMicroelectronics TS374I Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TS374
3/5
ELECTRICAL CHARACTERISTICS
VCC
+ = 5V, V
CC
- = 0V, T
amb = 25°C (unless otherwise specified)
SWITCHING CHARACTERISTICS (VCC
+ = 5V, T
amb = 25°C)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input Offset Voltage (Vic = Vicm min.)
1)
Tamb = 25°C
Tmin. ≤ Tamb ≤ Tmax.
1.
The specified offset voltage is the maximun value required to drive the output down to 400mV ir yo ti 4V with RL = 100kΩ to Vcc
+
210
12
mV
Iio
Input Offset Current 2)
Tamb = 25°C
Tmin. ≤ Tamb ≤ Tmax.
TS374C
TS374I/TS374M
2.
Maximum values including unavoidable inaccuracies of the industrial test.
1
100
200
pA
Iib
Input Offset Current - see note 2
Tamb = 25°C
Tmin. ≤ Tamb ≤ Tmax.
TS374C
TS374I/TS374M
1
150
300
pA
Vicm
Input Common Mode Voltage Range
Tamb = 25°C
Tmin. ≤ Tamb ≤ Tmax.
TS374C
TS374I/TS374M
0
0
0
VCC
+-2
VCC
+ -2.25
VCC
+ -2.5
V
IOH
High Level Output Current (Vid = 1V)
Tamb = 25°C
VOH = 5V
Tmin. ≤ Tamb ≤ Tmax.
VOH = 15V
0.1
1
nA
µA
VOL
Low Level Output Voltage (Vid = -1, IOL = 4mA)
Tamb = 25°C
Tmin. ≤ Tamb ≤ Tmax.
100
400
700
mV
IOL
Low Level Output Current (Vid = -1, VOL = 1.5V)
645
mA
ICC
Supply Current (each comparator) (Vid = 1V, no load)
150
250
µA
Symbol
Parameter
Min.
Typ.
Max.
Unit
tre
Response Time (RL = 5.1kΩ connected to 5V, CL = 15pF
1)
100mV input step with 5mV overdrive
TTL level input step
1.
The response time which is specified is the internal between the input signal and the instant when the output signal crosses 1.4V.
600
200
ns



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com