Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLP236 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CLP236
Description  LAN Transformer< SMD Type: CLP Series>
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CLP236 Datasheet(HTML) 2 Page - Sumida Corporation

  CLP236 Datasheet HTML 1Page - Sumida Corporation CLP236 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LAN Transformer< SMD Type: CLP Series>
Type: CLP236
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
◆
Specification
Turns Ratio
Part No.
RX
TX
SD68515NP-K
1CT:1CT
1CT:1CT
SD68517
1CT:1CT
1CT:1CT
SD49783
1CT:1CT
1.4CT:1CT
SD1013
1CT:1CT
1.4CT:1CT
SD49743
1CT:1CT
2CT:1CT
Parameters(SD68515NP-K)
SPECIFICATION
(TX)
(RX)
CONDITION
Inductance
(1-2)/(15-16)
350μH Min.
350μH Min.
100kHz,100mV,8mA DC bias
Insertion Loss
-1.0dB Min.
-1.0dB Min.
0.1~100MHz
-18.0dB Max.
-18.0dB Max.
1~30MHz
-18.0dB Max.
-18.0dB Max.
40MHz
-16.0dB Max.
-16.0dB Max.
50MHz
Return Loss
-12.0dB Max.
-12.0dB Max.
60~80MHz
-43.0dB Max.
-43.0dB Max.
30MHz
-43.0dB Max.
-43.0dB Max.
60MHz
Common Mode Rejection
-40.0dB Max.
-40.0dB Max.
100MHz
-55.0dB TYP.
-55.0dB TYP.
30MHz
-50.0dB TYP.
-50.0dB TYP.
60MHz
Cross Talk
-50.0dB TYP.
-50.0dB TYP.
100MHz
Hipot
(1-2)-(7-6),
(15-16)-(11-10)
AC 1500Vrms
1Minute



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com