Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS271AIN Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS271AIN
Description  CMOS Programmable Low Power Single Operational Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS271AIN Datasheet(HTML) 5 Page - STMicroelectronics

  TS271AIN Datasheet HTML 1Page - STMicroelectronics TS271AIN Datasheet HTML 2Page - STMicroelectronics TS271AIN Datasheet HTML 3Page - STMicroelectronics TS271AIN Datasheet HTML 4Page - STMicroelectronics TS271AIN Datasheet HTML 5Page - STMicroelectronics TS271AIN Datasheet HTML 6Page - STMicroelectronics TS271AIN Datasheet HTML 7Page - STMicroelectronics TS271AIN Datasheet HTML 8Page - STMicroelectronics TS271AIN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5/17
Absolute Maximum Ratings
TS271
Figure 3. Offset voltage null circuit
Figure 4. Offset voltage null circuit
8
1
5
+
-
Rset
25k
Ω
VCC-
OFFSET COMPENSATION GUARANTEED FOR
TS271BCX (I
> 25 A), TS271ACX (I
> 90 A)
SET
SET
µµ
8
1
5
+
-
Rset
25k
Ω
VCC-
OFFSET COMPENSATION GUARANTEED FOR
TS271BCX (I
> 25 A), TS271ACX (I
> 90 A)
SET
SET
µµ
Figure 5. Resistor biasing
Figure 6. Rset connected to Vcc-
+
-
Rset
VCC-
VCC+
VO
+
-
Rset
VCC-
VCC+
VO
Rset CONNECTED TO GROUND
Rset CONNECTED TO VCC- (Rset VALUE : SEE Fig. 1)
Rset
10M
Ω
1M
Ω
100k
Ω
10k
Ω
0.1 A
µ
1A
µ
10 A
µ
100 A
µ
Iset
V
= +3V
CC
V
= +5V
CC
V
= +16V
CC
V
= +10V
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com