Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS271AID Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS271AID
Description  CMOS Programmable Low Power Single Operational Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS271AID Datasheet(HTML) 3 Page - STMicroelectronics

  TS271AID Datasheet HTML 1Page - STMicroelectronics TS271AID Datasheet HTML 2Page - STMicroelectronics TS271AID Datasheet HTML 3Page - STMicroelectronics TS271AID Datasheet HTML 4Page - STMicroelectronics TS271AID Datasheet HTML 5Page - STMicroelectronics TS271AID Datasheet HTML 6Page - STMicroelectronics TS271AID Datasheet HTML 7Page - STMicroelectronics TS271AID Datasheet HTML 8Page - STMicroelectronics TS271AID Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3/17
Absolute Maximum Ratings
TS271
2 Absolute Maximum Ratings
Table 1.
Key parameters and their absolute maximum ratings
Symbol
Parameter
TS271C/AC/BC
TS271I/AI/BI
TS271M/AM/BM
Unit
VCC+
Supply Voltage 1
1)
All values, except differential voltage are with respect to network ground terminal.
18
V
Vid
Differential Input Voltage 2
2)
Differential voltages are the non-inverting input terminal with respect to the inverting input terminal.
±18
V
Vi
Input Voltage 3
3)
The magnitude of the input and the output voltages must never exceed the magnitude of the positive supply voltage.
-0.3 to 18
V
Io
Output Current for VCC
+ ≥ 15V
±30
mA
Iin
Input Current
±5
mA
Toper
Operating Free-Air Temperature Range
0 to +70
-40 to +125
-55 to +125
°C
Tstg
Storage Temperature Range
-65 to +150
°C
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
+
Supply Voltage
3 to 16
V
Vicm
Common Mode Input Voltage Range
0 to VCC
+ - 1.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com