Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS612 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS612
Description  DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS612 Datasheet(HTML) 5 Page - STMicroelectronics

  TS612 Datasheet HTML 1Page - STMicroelectronics TS612 Datasheet HTML 2Page - STMicroelectronics TS612 Datasheet HTML 3Page - STMicroelectronics TS612 Datasheet HTML 4Page - STMicroelectronics TS612 Datasheet HTML 5Page - STMicroelectronics TS612 Datasheet HTML 6Page - STMicroelectronics TS612 Datasheet HTML 7Page - STMicroelectronics TS612 Datasheet HTML 8Page - STMicroelectronics TS612 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TS612
5/10
POWER DOWN MODE V
CC = ±6Volts, Tamb = 25°C
POWER DOWN EQUIVALENT SHEMATIC
OUPUT IMPEDANCE IN POWER DOWN MODE
In Power Down Mode the output of the driver is in
"high impedance" state. It is really the case for the
static mode. Regarding the dynamic mode, the im-
pedance decreases due to a capacitive effect of
the collector-substrat and base collector junction.
The impedance behaviour comes capacitive, typi-
cally: 1.4M
Ω // 33pF.
INTERMODULATION DISTORTION
The curves shown below are the measurements
results of a single operator wired as an adder with
a gain of 15dB.
The operational amplifier is supplied by a symmet-
ric
±6V and is loaded with 25Ω.
Two synthesizers (Rhode & Schwartz SME) gen-
erate two frequencies (tones) (70 & 80kHz or 180
& 280kHz).
An HP3585 spectrum analyzer measures the spu-
rious level at different frequencies.
The curves are traced for different output levels
(the value in the X ax is the value of each tone).
The output levels of the two tones are the same.
The generators and spectrum analyzer are phase
locked to enhance measurement precision.
3rd ORDER INTERMODULATION
(2 tones : 70kHz and 80kHz)
2nd ORDER INTERMODULATION
Spurious measurement @ 100kHz
(2 tones : 180kHz and 280kHz)
3rd ORDER INTERMODULATION
(2 tones : 180kHz and 280kHz)
Symbol
Parameter
Min.
Typ.
Max
Unit
Vpdw
Thershold Voltage for Power Down Mode
V
Low Level
0
0.8
High Level
2
3.3
Iccpdw
Power Down Mode Current Consumption
75
µA
Rpdw
Power Down Mode Ouput Impedance
1.4
ΜΩ
Cpdw
Power Down Mode Output Capacitance
33
pF
STANDBY CONTROL
OPERATOR STATUS
pin (1)
operator 1
pin (7)
operator 2
operator 1
operator 2
Vhigh level
Vlow level
Standby
Active
Vhigh level
Vhigh level
Standby
Standby
Vlow level
Vlow level
Active
Active
Vlow level
Vhigh level
Active
Standby
+
_
..
..
Vcc -
Vcc +
POWER
DOWN
Ouput
.
1
1,5
2
2,5
33,5
44,5
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Vout peak (V)
230kHz
220kHz
90kHz
60kHz
Vout peak (V)
1,5
2
2,5
3
3,5
4
4,5
-70
-65
-60
-55
1
1,5
2
2,5
3
3,5
4
4,5
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Vout peak (V)
80kHz
640kHz
380kHz
740kHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com