Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS616 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TS616
Description  Dual wide band operational amplifier with high output current
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS616 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TS616_07 Datasheet HTML 16Page - STMicroelectronics TS616_07 Datasheet HTML 17Page - STMicroelectronics TS616_07 Datasheet HTML 18Page - STMicroelectronics TS616_07 Datasheet HTML 19Page - STMicroelectronics TS616_07 Datasheet HTML 20Page - STMicroelectronics TS616_07 Datasheet HTML 21Page - STMicroelectronics TS616_07 Datasheet HTML 22Page - STMicroelectronics TS616_07 Datasheet HTML 23Page - STMicroelectronics TS616_07 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
Printed circuit board layout considerations
TS616
20/36
6
Printed circuit board layout considerations
In the ADSL frequency range, printed circuit board parasites can affect the closed-loop
performance.
The use of a proper ground plane on both sides of the PCB is necessary to provide low
inductance and a low resistance common return. The most important factors affecting gain
flatness and bandwidth are stray capacitance at the output and inverting input. To minimize
capacitance, the space between signal lines and ground plane should be maximized.
Feedback component connections must be as short as possible in order to decrease the
associated inductance which affects high-frequency gain errors. It is very important to
choose the smallest possible external components—for example, surface mounted devices
(SMD)—in order to minimize the size of all DC and AC connections.
6.1
Thermal information
The TS616 is housed in an exposed-pad plastic package. As described in Figure 55, this
package has a lead frame upon which the dice is mounted. This lead frame is exposed as a
thermal pad on the underside of the package. The thermal contact is direct with the dice.
This thermal path provides an excellent thermal performance.
The thermal pad is electrically isolated from all pins in the package. It must be soldered to a
copper area of the PCB underneath the package. Through these thermal paths within this
copper area, heat can be conducted away from the package. The copper area
must be
connected to -VCC available on pin 4.
Figure 55.
Exposed-pad package
Figure 56.
Evaluation board
Cross Section View
Bottom View
Side View
DICE
1
Cross Section View
Bottom View
Side View
DICE
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com