Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8433 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA8433
Description  Deflection processor for computer controlled TV receivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8433 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA8433 Datasheet HTML 14Page - NXP Semiconductors TDA8433 Datasheet HTML 15Page - NXP Semiconductors TDA8433 Datasheet HTML 16Page - NXP Semiconductors TDA8433 Datasheet HTML 17Page - NXP Semiconductors TDA8433 Datasheet HTML 18Page - NXP Semiconductors TDA8433 Datasheet HTML 19Page - NXP Semiconductors TDA8433 Datasheet HTML 20Page - NXP Semiconductors TDA8433 Datasheet HTML 21Page - NXP Semiconductors TDA8433 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
August 1991
18
Philips Semiconductors
Product specification
Deflection processor for computer
controlled TV receivers
TDA8433
APPLICATION INFORMATION
The formulae from which the typical
vertical drive and typical E-W drive
waveforms are generated are given
in the following sub-paragraphs. For
this purpose a typical application
diagram for the vertical drive stage
is assumed to be as illustrated in
Fig.7. Pin 20 is the vertical drive
output which drives an inverting
power amplifier. The feedback
network, R1 to R4 and C1 and C2,
has two functions;
• To transfer the voltage on the
feedback pin (pin 21) to a voltage
across the feedback resistor R1
• To stabilize the voltage across C1
at a fixed value.
For this typical application the
formula for the vertical scan
waveform refers to the voltage at
pin 21. The formula for the E-W
drive waveform refers to the voltage
at pin 19.
All DAC variables that control the
vertical and E-W drive waveforms
are normalized. Each DAC is
defined as having a control range
between 0 and 1. The 0
corresponds to a register value of
HEX00 and the 1 to a maximum
value of HEX1F (for a 5-bit DAC) or
HEX3F (for a 6-bit DAC).
Table 4
DAC variables
Further definitions
VSAW = Instantaneous sawtooth voltage (pin 22) normally; 0 < Vsaw < 7.1 V;
VCC = supply voltage applied to pin 12.
VEHT = EHT compensation voltage applied to pin 1, normally between 1/2 VCC
and 1/7 VCC.
VOFF = Internal offset voltage.
Vint = Internal reference voltage of 7.1 V (also on pin 4)
If the Trapezium function (T) compensates for the internal offset voltage then the
actual formula for Z will simplify to:
Z =
−1 + 2Vsaw/Vint
Since 0 V
< VSAW < 7.1 V, this is simply a negative going sawtooth and it follows
that:
−1 < Z < 1.
a: Picture height
0
< a < 1
64 steps (6 bits)
y: V-linearity
0
< y < 1
64 steps (6 bits)
s: V-S correction
0
< s < 1
64 steps (6 bits)
d: V-shift
0
< d < 1
64 steps (6 bits)
v: V-compensation
0
< v < 1
32 steps (5 bits)
w: Picture width
0
< w < 1
64 steps (6 bits)
p: E-W parabola
0
< p < 1
64 steps (6 bits)
c: E-W corner
0
< c < 1
64 steps (6 bits)
t: Trapezium
0
< t < 1
64 steps (6 bits)
h: H-compensation
0
< h < 1
32 steps (5 bits)
A = 0.80 (a + 2)/3
P = 0.55 p
Y = 0.17 y
C = 0.38 c
S = 0.42 s
T = 0.32 (1 + 2t) volts
D = 2.4
− 0.7 d volts
E = (VCC / 2 − VEHT) / 42
W = 0.16 w
Z =
−1 + 2 x (V
saw − T) Vint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com