Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS616IDWT Datasheet(PDF) 25 Page - STMicroelectronics

Part # TS616IDWT
Description  Dual wide band operational amplifier with high output current
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS616IDWT Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TS616IDWT Datasheet HTML 21Page - STMicroelectronics TS616IDWT Datasheet HTML 22Page - STMicroelectronics TS616IDWT Datasheet HTML 23Page - STMicroelectronics TS616IDWT Datasheet HTML 24Page - STMicroelectronics TS616IDWT Datasheet HTML 25Page - STMicroelectronics TS616IDWT Datasheet HTML 26Page - STMicroelectronics TS616IDWT Datasheet HTML 27Page - STMicroelectronics TS616IDWT Datasheet HTML 28Page - STMicroelectronics TS616IDWT Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
TS616
Noise measurements
25/36
7.2
Measurement of iNn
To measure the negative input current noise iNn, we set R3=0 and use Equation 5. This time
the gain must be lower in order to decrease the thermal noise contribution:
●
R1=100
Ω, R2=910Ω, R3=0, gain= 10.1
●
Equivalent input noise: 3.40nV/
√Hz
●
Negative input current noise: iNn =21pA/
√Hz
7.3
Measurement of iNp
To extract iNp from Equation 3, a resistance R3 is connected to the non-inverting input. The
value of R3 must be chosen in order to keep its thermal noise contribution as low as
possible against the iNp contribution.
●
R1=100
Ω, R2=910Ω, R3=100Ω, Gain=10.1
●
Equivalent input noise: 3.93nV/
√Hz
●
Positive input current noise: iNp=15pA/
√Hz
●
Conditions: Frequency=100kHz, VCC=±2.5V
●
Instrumentation: HP3585A Spectrum Analyzer (the input noise of the HP3585A is
8nV/
√Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com