Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTS2002 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # FTS2002
Description  DC-DC Converter Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FTS2002 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  FTS2002 Datasheet HTML 1Page - Sanyo Semicon Device FTS2002 Datasheet HTML 2Page - Sanyo Semicon Device FTS2002 Datasheet HTML 3Page - Sanyo Semicon Device FTS2002 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
No.5906-3/4
FTS2002
VGS=0
ID=3A,V
GS=4V
ID=5A,
VGS=10V
f=1MHz
Ciss
Crss
Coss
VDS=10V
ID=5A
RDS(on) - Tc
Ciss,Coss,Crss - VDS
I DR - VSD
VGS - Qg
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
2
3
5
7
0.01
0.1
2
3
5
7
1.0
2
3
5
7
10
2
3
5
7
10
100
1000
2
3
5
7
2
3
5
7
10000
0
5
10
15
20
25
30
0
1
2
3
4
5
10
9
8
7
6
0
5
101520
25
-60
-40
10
20
30
40
50
100
90
80
70
60
0
-20
0
20
40
60
80
100
120
140
Case Temperature, Tc – ˚C
Diode Forward Voltage, VSD –V
Total Gate Charge, Qg
–
nC
Drain-to-Source Voltage, VDS –V
,,,,,
,,,,,
,,,,,
Drain Current, ID –A
Ambient Temperature, Ta –˚C
SW Time - I D
P D -
Ta
A S O
Drain-to-Source Voltage, VDS –V
VDD=15V
VGS=10V
t f
t d(off)
t d(on)
1ms
10ms
100ms
100
µs
10
µs
DC
operation
Operation in this area
is limited by RDS(on).
IDP=30A
I D=5A
2
3
5
7
0.1
10
100
2
3
5
7
1000
23
5
7
7
1.0
23
5
7 10
2
2
2
2
3
3
3
5
5
55
7
7
7
0.1
1.0
1.0
23
23
57
10
2
3
5
7
10
2
3
5
020
0.5
1.0
2.0
1.5
0
40
60
80
100
120
140
160
Ta=25˚C
1pulse
Mounted on a ceramic board (1000mm2
×0.8mm)
Mounted
on
a ceramic
board
(1000mm
2×0.8mm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com