Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GH06560B2C Datasheet(PDF) 4 Page - Sharp Corporation

Part # GH06560B2C
Description  Laser Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GH06560B2C Datasheet(HTML) 4 Page - Sharp Corporation

  GH06560B2C Datasheet HTML 1Page - Sharp Corporation GH06560B2C Datasheet HTML 2Page - Sharp Corporation GH06560B2C Datasheet HTML 3Page - Sharp Corporation GH06560B2C Datasheet HTML 4Page - Sharp Corporation GH06560B2C Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
50
GH06560B2C
Laser Diodes
Notice
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
Internet
Internet address for Electronic Components Group http://sharp-world.com/ecg/
647
651
655
659
663
wavelength
λ(nm)
(Tc=25˚C, Po=50mW)
0
20
40
60
80
100
-10.4
0
10.4
light path length (mm)
(Tc=25˚C, Po=50mW)
Lasing spectrum
Visibility
Note) Characteristics shown in diagrams are typical values. (not assurance value)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com