Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8501 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA8501
Description  PAL/NTSC encoder
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8501 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA8501 Datasheet HTML 14Page - NXP Semiconductors TDA8501 Datasheet HTML 15Page - NXP Semiconductors TDA8501 Datasheet HTML 16Page - NXP Semiconductors TDA8501 Datasheet HTML 17Page - NXP Semiconductors TDA8501 Datasheet HTML 18Page - NXP Semiconductors TDA8501 Datasheet HTML 19Page - NXP Semiconductors TDA8501 Datasheet HTML 20Page - NXP Semiconductors TDA8501 Datasheet HTML 21Page - NXP Semiconductors TDA8501 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
April 1993
18
Philips Semiconductors
Preliminary specification
PAL/NTSC encoder
TDA8501
CVBS output (pin 16)
Isink
maximum sink current
650
−−
µA
Isource
maximum source current
1000
−−
µA
VO
DC voltage level
Y +SYNC = 0
−
1.6
−
V
G
Y +SYNC gain;
from pin 20 to pin 16
−
12
−
dB
G
chrominance difference;
from pin 14 to pin 16
−
0
−
dB
Gø
differential phase
note 3
−−
3
degrees
GV
differential gain
note 4
−−
3dB
RO
output resistance
−
120
−Ω
Oscillator output (pin 23)
OSC
series-resonance
the resonance resistance of the crystal should be
< 60 Ω and the
parallel capacitance of the crystal should be
< 10 pF.
Filter tuning loop (pin 15)
VDC
DC control voltage level NTSC
−
0.83
−
V
VDC
DC control voltage level PAL
−
0.88
−
V
VDCL
limited DC-level LOW
IO = 200 µA
−
0.27
−
V
VDCH
limited DC-level HIGH
II = 200 µA
−
1.8
−
V
H2 (pin 4)
VIL
LOW level input voltage
inactive
0
−
1V
VIH
HIGH level input voltage
active
4
−
5V
II
current for forcing HIGH
220
−−
µA
IO
current for forcing LOW
260
−−
µA
VO
voltage out LOW
−−< 0.5
V
VO
voltage out HIGH
4
−−
V
Isink
maximum sink current
50
−−
µA
Isource
maximum source current
50
−−
µA
Composite sync input (pin 24)
VSYNC
SYNC pulse amplitude
75
300
600
mV (p-p)
slicing level
−
50
−
%
II
input current
−
4
−µA
IO
maximum output current during
SYNC
−
100
−µA
BURST ADJ (pin 21; note 5)
BP
DC voltage level
−
VREF
(V13)
−
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com