Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95128-RMN6TP Datasheet(PDF) 23 Page - STMicroelectronics

Part # M95128-RMN6TP
Description  128 Kbit Serial SPI bus EEPROM with high speed clock
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95128-RMN6TP Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M95128-RMN6TP Datasheet HTML 19Page - STMicroelectronics M95128-RMN6TP Datasheet HTML 20Page - STMicroelectronics M95128-RMN6TP Datasheet HTML 21Page - STMicroelectronics M95128-RMN6TP Datasheet HTML 22Page - STMicroelectronics M95128-RMN6TP Datasheet HTML 23Page - STMicroelectronics M95128-RMN6TP Datasheet HTML 24Page - STMicroelectronics M95128-RMN6TP Datasheet HTML 25Page - STMicroelectronics M95128-RMN6TP Datasheet HTML 26Page - STMicroelectronics M95128-RMN6TP Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
M95128, M95128-W, M95128-R
Delivery state
23/41
6
Delivery state
The device is delivered with the memory array set at all 1s (FFh). The Status Register Write
Disable (SRWD) and Block Protect (BP1 and BP0) bits are initialized to 0.
7
Connecting to the SPI bus
These devices are fully compatible with the SPI protocol.
All instructions, addresses and input data bytes are shifted in to the device, most significant
bit first. The Serial Data Input (D) is sampled on the first rising edge of the Serial Clock (C)
after Chip Select (S) goes Low.
All output data bytes are shifted out of the device, most significant bit first. The Serial Data
Output (Q) is latched on the first falling edge of the Serial Clock (C) after the instruction
(such as the Read from Memory Array and Read Status Register instructions) have been
clocked into the device.
Figure 12 shows three devices, connected to an MCU, on a SPI bus. Only one device is
selected at a time, so only one device drives the Serial Data Output (Q) line at a time, all the
others being high impedance.
Figure 12.
Bus master and memory devices on the SPI bus
1.
The Write Protect (W) and Hold (HOLD) signals should be driven, High or Low as appropriate.
2.
These pull-up resistors, R, ensure that the M95128, M95128-W, M95128-R are not selected if the Bus Master leaves the S
line in the high-impedance state. As the Bus Master may enter a state where all inputs/outputs are in high impedance at the
same time (that is when the Bus Master is reset), the clock line (C) must be connected to an external pull-down resistor so
that, when all inputs/outputs become high impedance, S is pulled High while C is pulled Low (thus ensuring that S and C do
not become High at the same time, and so, that the tSHCH requirement is met).
AI12304b
Bus Master
SPI Memory
Device
SDO
SDI
SCK
CQD
S
SPI Memory
Device
CQD
S
SPI Memory
Device
CQD
S
CS3
CS2 CS1
SPI Interface with
(CPOL, CPHA) =
(0, 0) or (1, 1)
W
HOLD
W
HOLD
W
HOLD
R(2)
R(2)
R(2)
VCC
VCC
VCC
VCC
VSS
VSS
VSS
VSS
R(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com