Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SC192192CT-USB Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT91SC192192CT-USB
Description  32-bit Secure Microcontrollers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SC192192CT-USB Datasheet(HTML) 2 Page - ATMEL Corporation

  AT91SC192192CT-USB Datasheet HTML 1Page - ATMEL Corporation AT91SC192192CT-USB Datasheet HTML 2Page - ATMEL Corporation AT91SC192192CT-USB Datasheet HTML 3Page - ATMEL Corporation AT91SC192192CT-USB Datasheet HTML 4Page - ATMEL Corporation AT91SC192192CT-USB Datasheet HTML 5Page - ATMEL Corporation AT91SC192192CT-USB Datasheet HTML 6Page - ATMEL Corporation AT91SC192192CT-USB Datasheet HTML 7Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
AT91SC192192CT-USB
6556A–SPIC–16 May 07
Development Tools and Software
• Hardware Development Support on the ATV4-91SC Voyager Emulation Platform
• Software Libraries and Bootloader in ATMEL’s ROM (Crypto Library and Generic drivers)
• Application Notes
Description
The AT91SC192192CT-USB is a low power, high performance, 32-bit RISC microcontroller with Flash/Eeprom program
and data memories and cryptographic accelerator, based on the ARM SC100 advanced secure processor. This general
purpose 32-bit processor offers high performance, very low power consumption, and additional features to help combat
fraud.
The AT91SC192192CT-USB features 192K bytes of high performance Flash (fast erase/write time, high endurance).
The AT91SC192192CT-USB features 192K bytes of high performance Eeprom (fast erase/write time, high endurance).
The AT91SC192192CT-USB also features a USB full speed 2.0 port to allow very high speed transactions with a USB host
terminal. USB interface requires the addition of an external 48MHz resonator.
The AT91SC192192CT-USB features a SPI (Serial Peripheral Interface) port to provide either high speed interface with
external terminal or to connect external NOR Flash memory. It also features an interface for NAND Flash memory.
On top of the SC100s MPU, a real hardware firewall can be used to increase the overall security level of the application
without intense software development.
The cryptographic accelerator featured in the AT91SC series is the AdvX™, an N-bit multiplier-accumulator dedicated to
performing fast encryption and authentication functions. AdvX is based on a custom 32-bit co-processor, thus enabling fast
computation and low power operation. The AdvX in conjuction with controlling firmware running within the SC100 core,
supports standard finite arithmetic functions (including RSA, DSA, DH and ECC) and GF(2N).
Unique hardware features significantly accelerate the execution of Java Card Byte Code by removing the common
software bottlenecks encountered during the implementation of a Java Virtual Machine.
Additional security features include power and frequency protection logic, logical scrambling on program data and
addresses, power analysis countermeasures, and memory access controlled by a supervisor mode.
Pin Configuration
The AT91SC192192CT-USB pinout configuration confirms to the ISO7816-2 interface.
Note: By convention, the RST pin corresponds to the RST signal of the ISO7816-3 Protocol, both are active low.)
GND
Ground (reference voltage)
WE
Flash Interface (Write Enable)
Vcc
Power Supply Input
ALE
Flash Interface (Address Latch Enable)
ISO I/O0
Input or Output for serial data (ISO7816
CLE
Flash Interface (Command Latch Enable)
ISO CLK
Clock signal input to external clock operating circuit
CE
Flash Interface (Chip Enable)
ISO RST
Reset signal input, a low state stops the ARM core
RE
Flash Interface (Read Enable)
C6
SWP dedicated pin
IO0
Flash Interface IO0
USB D+
USB D+
IO1
Flash Interface IO1
USB D-
USB D-
IO2
Flash Interface IO2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com