Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95128-RMN3TP Datasheet(PDF) 21 Page - STMicroelectronics

Part # M95128-RMN3TP
Description  128 Kbit Serial SPI bus EEPROM with high speed clock
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95128-RMN3TP Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M95128-RMN3TP Datasheet HTML 17Page - STMicroelectronics M95128-RMN3TP Datasheet HTML 18Page - STMicroelectronics M95128-RMN3TP Datasheet HTML 19Page - STMicroelectronics M95128-RMN3TP Datasheet HTML 20Page - STMicroelectronics M95128-RMN3TP Datasheet HTML 21Page - STMicroelectronics M95128-RMN3TP Datasheet HTML 22Page - STMicroelectronics M95128-RMN3TP Datasheet HTML 23Page - STMicroelectronics M95128-RMN3TP Datasheet HTML 24Page - STMicroelectronics M95128-RMN3TP Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
M95128, M95128-W, M95128-R
Instructions
21/41
5.6
Write to Memory Array (WRITE)
As shown in Figure 10, to send this instruction to the device, Chip Select (S) is first driven
Low. The bits of the instruction byte, address byte, and at least one data byte are then
shifted in, on Serial Data Input (D).
The instruction is terminated by driving Chip Select (S) High at a byte boundary of the input
data. In the case of Figure 10, this occurs after the eighth bit of the data byte has been
latched in, indicating that the instruction is being used to write a single byte. The self-timed
Write cycle starts, and continues for a period tWC (as specified in Table 16 to Table 19), at
the end of which the Write in Progress (WIP) bit is reset to 0.
If, though, Chip Select (S) continues to be driven Low, as shown in Figure 11, the next byte
of input data is shifted in, so that more than a single byte, starting from the given address
towards the end of the same page, can be written in a single internal Write cycle.
Each time a new data byte is shifted in, the least significant bits of the internal address
counter are incremented. If the number of data bytes sent to the device exceeds the page
boundary, the internal address counter rolls over to the beginning of the page, and the
previous data there are overwritten with the incoming data. (The page size of these devices
is 64 bytes).
The instruction is not accepted, and is not executed, under the following conditions:
●
if the Write Enable Latch (WEL) bit has not been set to 1 (by executing a Write Enable
instruction just before)
●
if a Write cycle is already in progress
●
if the device has not been deselected, by Chip Select (S) being driven High, at a byte
boundary (after the eighth bit, b0, of the last data byte that has been latched in)
●
if the addressed page is in the region protected by the Block Protect (BP1 and BP0)
bits.
Figure 10.
Byte Write (WRITE) sequence
1.
The most significant address bits (b15, b14) are Don’t Care.
C
D
AI01795D
S
Q
15
2
1
3456789 10
20 21 22 23 24 25 26 27
14 13
3210
28 29 30
High Impedance
Instruction
16-Bit Address
0
765432
0
1
Data Byte
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com