Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA844 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA844
Description  Octuple 6-bit DACs with I2C-bus
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA844 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA844 Datasheet HTML 1Page - NXP Semiconductors TDA844 Datasheet HTML 2Page - NXP Semiconductors TDA844 Datasheet HTML 3Page - NXP Semiconductors TDA844 Datasheet HTML 4Page - NXP Semiconductors TDA844 Datasheet HTML 5Page - NXP Semiconductors TDA844 Datasheet HTML 6Page - NXP Semiconductors TDA844 Datasheet HTML 7Page - NXP Semiconductors TDA844 Datasheet HTML 8Page - NXP Semiconductors TDA844 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1999 Apr 29
2
Philips Semiconductors
Product specification
Octuple 6-bit DACs with I2C-bus
TDA8444; TDA8444T;
TDA8444AT
FEATURES
• Eight DACs with 6-bit resolution
• Adjustable common output swing
• Push-pull outputs
• Outputs short-circuit protected
• Three programmable slave address bits
• Large supply voltage range
• Low temperature coefficient.
GENERAL DESCRIPTION
The interface circuit is a bipolar IC in a DIP16, SO16, or
SO20 package made in an I2L-compatible 18 V process.
The TDA8444 contains eight programmable 6-bit DAC
outputs, an I2C-bus slave receiver with three (two for
SO16) programmable address bits and one input (VMAX) to
set the maximum output voltage. Each DAC can be
programmed separately by a 6-bit word to 64 values, but
VMAX determines the maximum output voltage for all
DACs. The resolution will be approximately 1
⁄64VMAX.
At power-on all DACs are set to their lowest value.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCC
supply voltage
4.5
12
13.2
V
ICC
supply current
VCC =12V
−
14
−
mA
P
power dissipation
−
170
−
mW
VVMAX
input effective voltage
1
−
VCC − 2.0 V
Vo(DACn)
DAC output voltage
VMAX =VCC
0.1
−
VCC − 0.5 V
Vo(DACn)(max)
maximum DAC output voltage
1 < VMAX <VCC − 2.0
−
VMAX + 0.3 −
V
Isource(min)
minimum DAC source current
data = 1FH
2
−−
mA
Isink(min)
minimum DAC sink current
data = 1FH
2
−−
mA
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA8444
DIP16
plastic dual in-line package; 16 leads (300 mil); long body
SOT38-1
TDA8444T
SO16
plastic small outline package; 16 leads; body width 7.5 mm
SOT162-1
TDA8444AT
SO20
plastic small outline package; 20 leads; body width 7.5 mm
SOT163-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com