Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS912 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TS912
Description  Rail-to-Rail CMOS Dual Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS912 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TS912_06 Datasheet HTML 10Page - STMicroelectronics TS912_06 Datasheet HTML 11Page - STMicroelectronics TS912_06 Datasheet HTML 12Page - STMicroelectronics TS912_06 Datasheet HTML 13Page - STMicroelectronics TS912_06 Datasheet HTML 14Page - STMicroelectronics TS912_06 Datasheet HTML 15Page - STMicroelectronics TS912_06 Datasheet HTML 16Page - STMicroelectronics TS912_06 Datasheet HTML 17Page - STMicroelectronics TS912_06 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Macromodels
TS912
14/19
** c.a.d -375U-000U dus a l’offset
ESCP 60 0 2 1 500
ESCN 70 0 2 1 -2000
.ENDS
5.4
Electrical characteristics from macromodelization
5.5
Macromodel code
Applies to: TS912 (V
CC = 5V)
** Standard Linear Ics Macromodels, 1993.
** CONNECTIONS :
* 1 INVERTING INPUT
* 2 NON-INVERTING INPUT
* 3 OUTPUT
* 4 POSITIVE POWER SUPPLY
* 5 NEGATIVE POWER SUPPLY
* 6 STANDBY
.SUBCKT TS912_5 1 3 2 4 5 (analog)
*****************************************************
*****
.MODEL MDTH D IS=1E-8 KF=6.564344E-14 CJO=10F
* INPUT STAGE
CIP 2 5 1.000000E-12
CIN 1 5 1.000000E-12
EIP 10 5 2 5 1
EIN 16 5 1 5 1
RIP 10 11 6.500000E+00
RIN 15 16 6.500000E+00
RIS 11 15 7.322092E+00
DIP 11 12 MDTH 400E-12
DIN 15 14 MDTH 400E-12
VOFP 12 13 DC 0.000000E+00
VOFN 13 14 DC 0
IPOL 13 5 4.000000E-05
CPS 11 15 2.498970E-08
DINN 17 13 MDTH 400E-12
Table 7.
Electrical characteristics resulting from macromodel simulation at VCC
+ = 5V, V
CC- =
0V, RL, CL connected to VCC/2, Tamb = 25°C (unless otherwise specified)
Symbol
Conditions
Value
Unit
Vio
0mV
Avd
RL = 10kΩ
50
V/mV
ICC
No load, per operator
230
µA
Vicm
-0.2 to 5.2
V
VOH
RL = 10kΩ
4.95
V
VOL
RL = 10kΩ
40
mV
Isink
VO = 5V
65
mA
Isource
VO = 0V
65
mA
GBP
RL = 10kΩ, CL = 100pF
1
MHz
SR
RL = 10kΩ, CL = 100pF
0.8
V/
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com