Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS912AIN Datasheet(PDF) 16 Page - STMicroelectronics

Part # TS912AIN
Description  Rail-to-Rail CMOS Dual Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS912AIN Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TS912AIN Datasheet HTML 11Page - STMicroelectronics TS912AIN Datasheet HTML 12Page - STMicroelectronics TS912AIN Datasheet HTML 13Page - STMicroelectronics TS912AIN Datasheet HTML 14Page - STMicroelectronics TS912AIN Datasheet HTML 15Page - STMicroelectronics TS912AIN Datasheet HTML 16Page - STMicroelectronics TS912AIN Datasheet HTML 17Page - STMicroelectronics TS912AIN Datasheet HTML 18Page - STMicroelectronics TS912AIN Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Package Mechanical Data
TS912
16/19
6
Package Mechanical Data
In order to meet environmental requirements, ST offers these devices in
ECOPACK® packages. These packages have a Lead-free second level
interconnect. The category of second level interconnect is marked on the package
and on the inner box label, in compliance with JEDEC Standard JESD97. The
maximum ratings related to soldering conditions are also marked on the inner box
label. ECOPACK is an ST trademark. ECOPACK specifications are available at:
www.st.com.
6.1
DIP-8 Package
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
3.3
0.130
a1
0.7
0.028
B
1.39
1.65
0.055
0.065
B1
0.91
1.04
0.036
0.041
b
0.5
0.020
b1
0.38
0.5
0.015
0.020
D
9.8
0.386
E
8.8
0.346
e
2.54
0.100
e3
7.62
0.300
e4
7.62
0.300
F
7.1
0.280
I
4.8
0.189
L
3.3
0.130
Z
0.44
1.6
0.017
0.063
Plastic DIP-8 MECHANICAL DATA
P001F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com