Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS914IN Datasheet(PDF) 9 Page - STMicroelectronics

Part # TS914IN
Description  Rail-to-rail CMOS quad operational amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS914IN Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TS914IN Datasheet HTML 5Page - STMicroelectronics TS914IN Datasheet HTML 6Page - STMicroelectronics TS914IN Datasheet HTML 7Page - STMicroelectronics TS914IN Datasheet HTML 8Page - STMicroelectronics TS914IN Datasheet HTML 9Page - STMicroelectronics TS914IN Datasheet HTML 10Page - STMicroelectronics TS914IN Datasheet HTML 11Page - STMicroelectronics TS914IN Datasheet HTML 12Page - STMicroelectronics TS914IN Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
TS914
Electrical characteristics
9/19
Figure 2.
Supply current (each amplifier)
vs. supply voltage
Figure 3.
High level output voltage vs. high
level output current
CC
SUPPLY VOLTAGE, V
(V)
0
4
8
12
16
T
= 25°C
A
= 1
V = V
/ 2
amb
VCL
O
CC
600
500
400
300
200
100
5
-70
-40
-20
0
amb
id
T
= 25 C
V = 100mV
°
V = +5V
CC
V = +3V
CC
4
3
2
1
0
OH
OUTPUT CURRENT, I
(mA)
Figure 4.
Low level output voltage vs. low
level output current
Figure 5.
Input bias current vs. temperature
1
amb
id
T
= 25 C
V = -100mV
°
V
= +5V
CC
V
= +3V
CC
0
30
50
70
90
OL
OUTPUT CURRENT, I
(mA)
2
3
4
5
25
50
75
100
125
V
= 10V
V = 5V
No load
CC
i
100
10
1
amb
TEMPERATURE, T
( C)
°
Figure 6.
High level output voltage vs. high
level output current
Figure 7.
Low level output voltage vs. low
level output current
4
0
V
= +16V
CC
V
= +10V
CC
OH
OUTPUT CURRENT, I
(mA)
12
8
20
16
-70
-40
-20
0
amb
id
°
T
= 25 C
V = 100mV
2
amb
id
T
= 25 C
V = -100mV
°
0
V
= 10V
CC
V
= 16V
CC
OL
OUTPUT CURRENT, I
(mA)
4
6
8
10
30
50
70
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com