Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS912BID Datasheet(PDF) 12 Page - STMicroelectronics

Part # TS912BID
Description  Rail-to-Rail CMOS Dual Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS912BID Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TS912BID Datasheet HTML 8Page - STMicroelectronics TS912BID Datasheet HTML 9Page - STMicroelectronics TS912BID Datasheet HTML 10Page - STMicroelectronics TS912BID Datasheet HTML 11Page - STMicroelectronics TS912BID Datasheet HTML 12Page - STMicroelectronics TS912BID Datasheet HTML 13Page - STMicroelectronics TS912BID Datasheet HTML 14Page - STMicroelectronics TS912BID Datasheet HTML 15Page - STMicroelectronics TS912BID Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Macromodels
TS912
12/19
5
Macromodels
5.1
Important note concerning this macromodel
Please consider following remarks before using this macromodel.
– All models are a trade-off between accuracy and complexity (i.e. simulation
time).
– Macromodels are not a substitute to breadboarding; rather, they confirm the
validity of a design approach and help to select surrounding component
values.
– A macromodel emulates the NOMINAL performance of a TYPICAL device
within SPECIFIED OPERATING CONDITIONS (i.e. temperature, supply
voltage, etc.). Thus the macromodel is often not as exhaustive as the
datasheet, its goal is to illustrate the main parameters of the product.
– Data issued from macromodels used outside of its specified conditions
(Vcc, Temperature, etc.) or even worse: outside of the device operating
conditions (Vcc, Vicm, etc.) are not reliable in any way.
In
Section 5.2 and Section 5.4, the electrical characteristics resulting from the use
of these macromodels are presented.
5.2
Electrical characteristics from macromodelization
5.3
Macromodel code
Applies to: TS912 (V
CC = 3V)
** Standard Linear Ics Macromodels, 1993.
** CONNECTIONS :
* 1 INVERTING INPUT
* 2 NON-INVERTING INPUT
* 3 OUTPUT
Table 6.
Electrical characteristics resulting from macromodel simulation at VCC
+ = 3V, V
CC- =
0V, RL, CL connected to VCC/2, Tamb = 25°C (unless otherwise specified)
Symbol
Conditions
Value
Unit
Vio
0mV
Avd
RL = 10kΩ
10
V/mV
ICC
No load, per operator
200
µA
Vicm
-0.2 to 3.2
V
VOH
RL = 10kΩ
2.96
V
VOL
RL = 10kΩ
30
mV
Isink
VO = 3V
40
mA
Isource
VO = 0V
40
mA
GBP
RL = 10kΩ, CL = 100pF
0.8
MHz
SR
RL = 10kΩ, CL = 100pF
0.3
V/
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com